Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-MSMF010 Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-MSMF010
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-MSMF010 Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-MSMF010 Datasheet HTML 1Page - Copal Electronics PRCP-MSMF010 Datasheet HTML 2Page - Copal Electronics PRCP-MSMF010 Datasheet HTML 3Page - Copal Electronics PRCP-MSMF010 Datasheet HTML 4Page - Copal Electronics PRCP-MSMF010 Datasheet HTML 5Page - Copal Electronics PRCP-MSMF010 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
*RoHS Directive 2002/95/EC Jan 27,2003 including Annex.
Bromine(Br) content: ≤ 900 ppm; Chlorine(Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤ 1500 ppm.
Specifications are subject to change without notice.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
℃
Volts
Amps
Hold
Trip
RMin.
R1Max.
Typ.
PRCP-MSMF010
60.0
40
0.10
0.30
0.70
15.00
0.5
1.50
0.8
PRCP-MSMF014
60.0
40
0.14
0.34
0.40
6.50
1.5
0.15
0.8
PRCP-MSMF020
30.0
80
0.20
0.40
0.40
6.00
6.0
0.06
0.8
PRCP-MSMF030
30.0
10
0.30
0.60
0.30
3.00
8.0
0.10
0.8
PRCP-MSMF050
15.0
100
0.50
1.00
0.15
1.00
0.15
0.8
PRCP-MSMF075
13.2
100
0.75
1.50
0.11
0.45
0.20
0.8
PRCP-MSMF075/24
24.0
40
0.75
1.50
0.11
0.45
0.20
0.8
PRCP-MSMF110
6.0
100
1.10
2.20
0.04
0.21
0.30
0.8
PRCP-MSMF110/16
16.0
100
1.10
2.20
0.04
0.21
0.30
0.8
PRCP-MSMF125
6.0
100
1.25
2.50
0.035
0.14
0.40
0.8
PRCP-MSMF150
6.0
100
1.50
3.00
0.03
0.120
0.5
0.8
PRCP-MSMF160
8.0
100
1.60
2.80
0.035
0.099
2.0
0.8
PRCP-MSMF200
8.0
40
2.00
4.00
0.020
0.080
3.0
0.8
PRCP-MSMF250/16X***
16.0
100
2.50
5.00
0.015
0.100
5.0
1.2
PRCP-MSMF260
6.0
100
2.60
5.20
0.015
0.080
5.0
0.8
Operating Temperature
-40
℃ to +85 ℃
Maximum Device Surface Temperature
in Tripped State
125
℃
Passive Aging
+85
℃,1000 hours
±5 % typical resistance change
Humidity Aging
+85
℃,85 % R.H. 1000 hours
Thermal Shock
+85
℃ to -40 ℃,20 times
Solvent Resistance
MIL-STD-202,Method 215
No change
MIL-STD-883C,Method 2007.1,
No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech
Verify dimensions and materials
Per PRCP physical description
Resistance
In still air @ 23
℃..................................................................Rmin ≤ R ≤ R1max
Time to Trip
At specified current,Vmax,23
℃ ...........................................T ≤ max.time to trip (seconds)
Hold Current
30 min at Ihold......................................................................No trip
Trip Cycle Life
Vmax,Imax,100 cycles.........................................................No arcing or burning
Trip Endurance
Vmax,48 hours.....................................................................No arcing or burning
Solderability
ANSI/J-STD-002...................................................................95 % min. coverage
UL File Number..........................................E300792
CSA File Number.......................................CA1730526
TÜV Certificate Number.............................R 50075506
Test Procedures And Requirements For Model PRCP-MSMF Series
PRCP-MSMF Series- Polymer Resettable Circuit Protectors
±5 % typical resistance change
±10 % typical resistance change
Vibration
Features
11A9
**COPAL is using the definition that appears to be prevalent definition used as the industry standard at this time.The COPAL definition of “halogen-free” is:
*** UL only
■ Compliant with AEC-Q200 Rev-C- Stress
Test Qualification for Passive Components
in Automotive Applications
■ 100 % electrically compatible with all
previous generations of 1812 SMT devices
■ Compatible with Pb and Pb-free solder
reflow profiles
■ RoHS compliant* and halogen free**
■ Surface mount packaging for automated
assembly
■ Agency recognition:
■ Standard 4532 mm (1812 mils) footprint
■ Patents pending
PRCP-MSMF020/60***
60.0
40
0.20
0.40
0.40
6.00
1.5
0.15
0.8
PRCP-MSMF150/24X
24.0
20
1.50
3.00
0.03
0.120
1.50
1.0
PRCP-MSMF110/24X***
24.0
20
1.10
2.20
0.06
0.18
0.50
0.8
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
...............................................................
.............................................
....................................................
...................................................
..........................................
.............................
.......................................
............................................
..........................................
...........................................
....................................
....................................................
..........................................
..............................................
................................................
...............................................
.............................................
...........................................
.........................................
...............................................
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
at 23
℃
at 23
℃
at 23
℃
at 23
℃


Similar Part No. - PRCP-MSMF010

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF012 COPAL-PRCP-NSMF012 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF020 COPAL-PRCP-NSMF020 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF035 COPAL-PRCP-NSMF035 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF050 COPAL-PRCP-NSMF050 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-MSMF010

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com