Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-PSMF Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-PSMF
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-PSMF Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-PSMF Datasheet HTML 1Page - Copal Electronics PRCP-PSMF Datasheet HTML 2Page - Copal Electronics PRCP-PSMF Datasheet HTML 3Page - Copal Electronics PRCP-PSMF Datasheet HTML 4Page - Copal Electronics PRCP-PSMF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 C
at 23 C
at 23 C
at 23 C at 23 C
Volts
Amps
Hold
Trip
RMin.
R
.
p
y
T
.
x
a
M
1
PRCP-PSMF010X
15
40
0.10
0.30
1.0
7.5
0.5
1.5
0.5
PRCP-PSMF020X
9
40
0.20
0.50
0.65
3.5
8.00
0.02
0.5
PRCP-PSMF035X
6
40
0.35
0.75
0.250
1.200
8.00
0.10
0.5
PRCP-PSMF050X
6
40
0.50
1.00
0.150
0.900
8.00
0.10
0.5
PRCP-PSMF075X
6
40
0.75
1.50
0.090
0.350
8.00
0.20
0.6
PRCP-PSMF110X
6
40
1.10
2.20
0.060
0.210
8.00
0.30
0.6
PRCP-PSMF Series - Polymer Resettable Circuit Protectors
Features
Compact design to save board space -
0805 footprint
Small size results in very fast time to
react to fault events
Low profile
RoHS compliant* and halogen free**
Agency recognition:
Applications
USB port protection - USB 2.0, 3.0 & OTG
PC motherboards - Plug and Play
protection
Mobile phones - Battery and port
protection
PDAs / digital cameras
Game console port protection
Thermal Derating Chart - I
/ I
hold trip (Amps)
Ambient Operating Temperature
Model
-40 C
-20 C
0 C
23 C
40 C
50 C
60 C
70 C
85 C
PRCP-PSMF010X
0.05 / 0.15
PRCP-PSMF020X
0.07 / 0.18
PRCP-PSMF035X
0.14 / 0.30
PRCP-PSMF050X
0.23 / 0.46
PRCP-PSMF075X
0.35 / 0.70
PRCP-PSMF110X
0.52 / 1.04
**To be considered halogen free,each homogenous material can have a maximum concentration of 900 ppm of either bromine or chlorine.
HDMI 1.4 Source protection
Operating Temperature ......................................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ...................................± 5 % typical resistance change
Humidity Aging....................................................+85 °C, 85 % R.H. 1000 hours ..................±5 % typical resistance change
Thermal Shock ....................................................+85 °C to -40 °C, 20 times ........................±10 % typical resistan ce change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
a
ir
e
ti
r
C
t
c
e
j
e
R
/t
p
e
c
c
A
s
n
o
it
i
d
n
o
C
t
s
e
T
t
s
e
T
Visual/Mech.....................................Verify dimensions and materials ....................................Per PRCP physical description
Resistance ......................................In still air @ 23 °C...........................................................Rmin R R1max
Time to Trip ....................................At specified current, Vmax, 23 °C ..................................T max. time to trip (seconds)
Hold Current ..................................30 min. at Ihold ...............................................................No trip
Trip Cycle Life ................................Vmax, Imax, 100 cycles..................................................No arcing or burning
Trip Endurance................................Vmax, 48 hours ..............................................................No arcing or burning
Solderability ....................................ANSI/J-STD-002 ............................................................95 % min. coverage
UL File Number..................................E300792
Test Procedures And Requirements For Model PRCP-PSMFF Series
0.06/0.18
0.10/0.25
0.20/0.43
0.29/0.58
0.42/0.84
0.65/1.30
0.15 / 0.45
0.28 / 0.70
0.47 / 1.01
0.68 / 1.36
1.00 / 2.00
1.45 / 2.90
0.13 / 0.39
0.25 / 0.63
0.44 / 0.94
0.62 / 1.24
0.90 / 1.80
1.35 / 2.70
0.12 / 0.36
0.23 / 0.58
0.39 / 0.84
0.55 / 1.10
0.79 / 1.58
1.20 / 2.40
0.10 / 0.30
0.20 / 0.50
0.35 / 0.75
0.50 / 1.00
0.75 / 1.50
1.10 / 2.20
0.09 / 0.27
0.17 / 0.43
0.30 / 0.64
0.40 / 0.80
0.63 / 1.26
0.92 / 1.84
0.08 / 0.24
0.14 / 0.35
0.27 / 0.58
0.37 / 0.74
0.57 / 1.14
0.84 / 1.68
0.07 / 0.21
0.12 / 0.30
0.24 / 0.51
0.33 / 0.66
0.53 / 1.06
0.75 / 1.50


Similar Part No. - PRCP-PSMF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF010 COPAL-PRCP-MSMF010 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF014 COPAL-PRCP-MSMF014 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF020 COPAL-PRCP-MSMF020 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF030 COPAL-PRCP-MSMF030 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-PSMF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com