Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-USMF Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-USMF
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-USMF Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-USMF Datasheet HTML 1Page - Copal Electronics PRCP-USMF Datasheet HTML 2Page - Copal Electronics PRCP-USMF Datasheet HTML 3Page - Copal Electronics PRCP-USMF Datasheet HTML 4Page - Copal Electronics PRCP-USMF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
Volts
Amps
Hold
Trip
RMin.
R
.
p
y
T
.
x
a
M
1
PRCP-USMF005
PRCP-USMF010
PRCP-USMF020
PRCP-USMF035
PRCP-USMF050
PRCP-USMF075
PRCP-USMF110
PRCP-USMF150***
PRCP-USMF Series - Polymer Resettable Circuit Protectors
Features
Fast tripping resettable circuit protection
Surface mount packaging for automated
assembly
Small footprint size (1210)
RoHS compliant* and halogen free**
Agency recognition*
** To be considered halogen free, (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.Specifi cations are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
*** UL only
Operating Temperature............................. -40
℃ to 85 ℃
Maximum Device Surface Temperature
in Tripped State........................................125
Passive Aging............................................+85
℃,1000 hours.............................................................±5 % typical resistance change
Humidity Aging...........................................+85
℃,85 % R.H. 1000 hours
Thermal Shock...........................................+85
℃ to -40 ℃,20 times
Solvent Resistance....................................MIL-STD-202, Method215..................................................No change
MIL-STD-883C,Method 2007.1,.........................................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech........................................Verify dimensions and materials...................................Per PRCP physical description
Resistance..........................................In still air @ 23
℃ .........................................................Rmin≤R≤R1max
Time to Trip ........................................At specified current,Vmax,23
℃....................................T≤max.time to trip (seconds)
Hold Current.......................................30 min at Ihold...............................................................No trip
Trip Cycle Life.....................................Vmax,Imax,100 cycles..................................................No arcing or burning
Trip Endurance....................................Vmax,48 hours .............................................................No arcing or burning
Solderability........................................ANSI/J-STD-002...........................................................95% min. coverage
UL File Number...................................E300792
CSA File Number................................CA1730526
TÜV Certificate Number.....................R 50075506
Test Procedures And Requirements For Model PRCP-USMF Series
............................................±5 % typical resistance change
...................................................±10 % typical resistance change
Vibration....................................................
30
10
0.05
0.15
2.800
50.000
0.25
1.50
0.6
30
10
0.10
0.30
0.800
15.000
0.50
0.60
0.6
30
10
0.20
0.40
0.400
5.000
8.00
0.02
0.6
6
40
0.35
0.75
0.200
1.300
8.00
0.20
0.6
6
40
1.50
3.00
0.030
0.110
5.00
5.00
0.6
6
40
1.10
2.20
0.050
0.210
5.00
1.00
0.6
6
40
0.75
1.50
0.070
0.450
8.00
0.10
0.6
13.2
40
0.50
1.00
0.180
0.900
8.00
0.10
0.6
at 23
at 23
at 23
at 23
Compliant with AEC-Q200 Rev-C- Stress
Test Qualification for Passive Components
in Automotive Applications


Similar Part No. - PRCP-USMF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF010 COPAL-PRCP-MSMF010 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF014 COPAL-PRCP-MSMF014 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF020 COPAL-PRCP-MSMF020 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-MSMF030 COPAL-PRCP-MSMF030 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-USMF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com