Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-R040 Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-R040
Description  Polymer Resettable Circuit Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-R040 Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-R040 Datasheet HTML 1Page - Copal Electronics PRCP-R040 Datasheet HTML 2Page - Copal Electronics PRCP-R040 Datasheet HTML 3Page - Copal Electronics PRCP-R040 Datasheet HTML 4Page - Copal Electronics PRCP-R040 Datasheet HTML 5Page - Copal Electronics PRCP-R040 Datasheet HTML 6Page - Copal Electronics PRCP-R040 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
PRCP-R Series - Polymer Resettable Circuit Protectors
R
S
0
8
1
5 1
1 0
1 Hour (R 1)
Max. Time
Tripped
Ihold
Itrip
Initial
Post-Trip
To Trip
Power
Resistance
Resistance
Dissipation
Model
Amperes
Ohms
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 C
at 23 C
at 23 C
at 23 C
at 23 C
at 23 °C
Volts
Amps
Hold
Trip
Min.
Max.
Max.
Typ.
PRCP-R005**
PRCP-R010
PRCP-R017
PRCP-R020
PRCP-R025
PRCP-R030
PRCP-R040
PRCP-R050
PRCP-R065
PRCP-R075
PRCP-R090
PRCP-R090-0-9
PRCP-R110
PRCP-R135
PRCP-R160
PRCP-R185
PRCP-R250
PRCP-R250-0-10
PRCP-R300
30
40
3.00
6.00
0.020
0.05
0.08
15.0
10.8
2.00
PRCP-R400
30
40
4.00
8.00
0.010
0.03
0.05
20.0
12.7
2.50
PRCP-R500
30
40
5.00
10.00
0.010
0.03
0.05
25.0
14.5
3.00
PRCP-R600
30
40
6.00
12.00
0.005
0.02
0.04
30.0
16.0
3.50
PRCP-R700
30
40
7.00
14.00
0.005
0.02
0.03
35.0
17.5
3.80
PRCP-R800
30
40
8.00
16.00
0.005
0.02
0.03
40.0
18.8
4.00
PRCP-R900
30
40
9.00
18.00
0.005
0.01
0.02
45.0
***20.0
4.20
PRCP-R1100
16
100
11.00
22.00
0.003
0.01
0.014
40.0
20.0
4.50
Electrical Characteristics
Features
Radial Leaded Devices
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
RoHS compliant* and halogen free**
Agency recognition:
Applications
Almost anywhere there is a low voltage
power supply and a load to be protected,
including:
Computers & peripherals
General electronics
Automotive applications
***Tested at 40 amps
Operating/Storage Temperature ........................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging ....................................................+85 °C, 85 % R.H. 1000 hours ....................±5 % typical resistance change
Thermal Shock ....................................................-40 °C to +85 °C, 10 times ..........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per PRCP physical description
Resistance ..........................................................In still air @ 23 °C........................................Rmin ≤ R ≤ R max
Time to Trip ........................................................5 times Ihold, Vmax, 23 °C..........................T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax,100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E300792
CSA File Number ................................................CA1730526
TÜV File Number ................................................R 50075506
Test Procedures And Requirements For Model PRCP-R Series
60
40
0.05
0.10
7.3
11.1
22.0
0.5
5.0
0.22
60
40
0.10
0.20
2.50
4.50
7.50
0.5
4.0
0.38
60
40
0.17
0.34
2.00
3.20
8.00
0.85
3.0
0.48
60
40
0.20
0.40
1.50
2.84
4.40
1.0
2.2
0.40
60
40
0.25
0.50
1.00
1.95
3.00
1.25
2.5
0.45
60
40
0.30
0.60
0.76
1.36
2.10
1.5
3.0
0.50
60
40
0.40
0.80
0.52
0.86
1.29
2.0
3.8
0.55
60
40
0.50
1.00
0.41
0.77
1.17
2.5
4.0
0.75
60
40
0.65
1.30
0.27
0.48
0.72
3.25
5.3
0.90
60
40
0.75
1.50
0.18
0.40
0.60
3.75
6.3
0.90
60
40
0.90
1.80
0.14
0.31
0.47
4.5
7.2
1.00
30
40
0.90
1.80
0.07
0.12
0.22
4.5
5.9
0.60
30
40
1.10
2.20
0.10
0.18
0.27
5.5
6.6
0.70
30
40
1.35
2.70
0.065
0.115
0.17
6.75
7.3
0.80
30
40
1.60
3.20
0.055
0.105
0.15
8.0
8.0
0.90
30
40
1.85
3.70
0.040
0.07
0.11
9.25
8.7
1.00
30
40
2.50
5.00
0.025
0.048
0.07
12.5
10.3
1.20
30
40
2.50
5.00
0.025
0.048
0.07
12.5
10.3
1.20
CCC
** UL/TÜV only
COPAL follows the prevailing definition of “halogen free” in the industy. COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.


Similar Part No. - PRCP-R040

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RHT070 COPAL-PRCP-RHT070 Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RHT1300 COPAL-PRCP-RHT1300 Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RHT200 COPAL-PRCP-RHT200 Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RHT450 COPAL-PRCP-RHT450 Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-R040

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com