Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-R250 Datasheet(PDF) 4 Page - Copal Electronics

Part # PRCP-R250
Description  Polymer Resettable Circuit Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-R250 Datasheet(HTML) 4 Page - Copal Electronics

  PRCP-R250 Datasheet HTML 1Page - Copal Electronics PRCP-R250 Datasheet HTML 2Page - Copal Electronics PRCP-R250 Datasheet HTML 3Page - Copal Electronics PRCP-R250 Datasheet HTML 4Page - Copal Electronics PRCP-R250 Datasheet HTML 5Page - Copal Electronics PRCP-R250 Datasheet HTML 6Page - Copal Electronics PRCP-R250 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
How to Order
PRCP - R 110 - 0 - 99
Product Designator
Series
R = Radial Leaded Component
Hold Current, Ihold
005-1100 (0.05 Amps - 11.0 Amps)
Packaging Options
- 0 = Bulk packaging
- 2 = Tape and Reel
Part Number Suffix Option
- 99 == Part number suffix option for customers
requiring a new part number to reference the
engineering change to RoHS compliance.
Typical Time to Trip at 23 ˚C
100
10
1
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
PRCP-R Series - Polymer Resettable Circuit Protectors
100
10
1
0.1
0.01
0.001
1
10
100
Fault Current (Amps)
Typical Part Marking:PRCP-R005-R025
Represents total content. Layout may vary.
R025
5A
PART
IDENTIFICATION
MANUFACTURER'S
MARK
DATE CODE:
WEEK 1 OF 2005 = 5A
(YEAR & WEEK)
WEEK 27 OF 2005 = A5
(WEEK & YEAR)
Typical Part Marking:PRCP-R030-R1100
Represents total content. Layout may vary.
R250
5180S
MANUFACTURER'S
MARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
LOT NO.
(S = CHINA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com