Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP27 Datasheet(PDF) 2 Page - Copal Electronics

Part # SP27
Description  STEPPING MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP27 Datasheet(HTML) 2 Page - Copal Electronics

  SP27 Datasheet HTML 1Page - Copal Electronics SP27 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item
Number of phases
Number of poles
Excitation
Step angle
Steps
Winding resistance
Power
Current/Phase
Pull-in torque
Pull-out torque
Pull-in pulse rate
Maximum continuous response frequency
Rotor inertia
Temperature rise
Insulation resistance
Dielectric strength
Operating temperature range
Net weight
SP27-2003
Remarks
■ REFERENCE SPECIFICATIONS
4
12
2
15°
24
60
Ω
Refer to PERFORMANCE CURVES
Reference value
2 gf·cm
2
30 °C
30 M
Ω minmum
AC500 Vrms
− 10 ~ 50 °C
Approx. 50 g
—
※1
—
Average power consumption 5 W maximum
—
at 500 pps 2 phases-EX. DC12V
DC500 V
50 Hz, 1 min
—
at 2 phases-EX.
at 2 phases-EX.
± 10 %
Male connector
6
5
4
3
2
1
Made by J.S.T. Mfg Co., Ltd
φ 1 φ 2 φ 1C φ 2C φ 1 φ 2
※2
Connector terminal
Lot production is required. Please consult us for ordering.
SP27
STEPPING MOTORS
φ 1
φ 1
φ 2 φ 1C
φ 2C
φ 2
φ 1
φ 1C
φ 1
φ 2 φ 2C φ 2
※ The characteristics were measured using DM-412X.
※ Winding resistance 60
Ω is typical value.
※1 Substitutable as two bipolars due to open common terminal pins.
※2 Substitutable as a bipolar by combination of
φ1-φ1 and φ2-φ2 or combination of φ1-φ1C and φ2-φ2C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com