Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST68C454 Datasheet(PDF) 21 Page - Exar Corporation

Part # ST68C454
Description  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C454 Datasheet(HTML) 21 Page - Exar Corporation

Back Button ST68C454 Datasheet HTML 17Page - Exar Corporation ST68C454 Datasheet HTML 18Page - Exar Corporation ST68C454 Datasheet HTML 19Page - Exar Corporation ST68C454 Datasheet HTML 20Page - Exar Corporation ST68C454 Datasheet HTML 21Page - Exar Corporation ST68C454 Datasheet HTML 22Page - Exar Corporation ST68C454 Datasheet HTML 23Page - Exar Corporation ST68C454 Datasheet HTML 24Page - Exar Corporation ST68C454 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ST16C454/68C454
21
Rev. 3.20
Symbol
Parameter
Limits
Limits
Units
Conditions
3.3
5.0
Min
Max
Min
Max
AC ELECTRICAL CHARACTERISTICS
T
A=0° - 70°C (-40° - +85°C for Industrial grade packages), Vcc=3.3 - 5.0 V ± 10% unless otherwise specified.
T33s
Data setup time
20
15
ns
T33h
Data hold time
10
10
ns
TR
Reset pulse width
40
40
ns
N
Baud rate devisor
1
216-1
1
216-1
Rclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com