Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP27-2003 Datasheet(PDF) 1 Page - Copal Electronics

Part # SP27-2003
Description  STEPPING MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP27-2003 Datasheet(HTML) 1 Page - Copal Electronics

  SP27-2003 Datasheet HTML 1Page - Copal Electronics SP27-2003 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STEPPING MOTORS
SP27
■ FEATURES
■ APPLICATIONS
O Compact & high torque type
O RoHS compliant
O Game machines
O Printers
Lot production is required. Please consult us for ordering.
■ OUTLINE DIMENSIONS
Unless otherwise specified tolerance:
± 0.5 (Unit: mm)
Dash number
3.7
1
2
10
18.2
4
28.2
9.4
2-R3.5
1.5
4.4
37 0.3
135
3
Lot No.
14.7
9.8
4.9
0.0
500
375
250
125
0
Current
Pull-out torque
Pull-in torque
Frequency
[Hz]
SP27-2003
0
500
1000
※ These performance curves show actual value, not guaranteed value.
■ PART NUMBER DESIGNATION
S P 2 7 - 2003
Series name
Dash number
■ FREQUENCY PERFORMANCE CURVES
 12V-2phases-EX.


Similar Part No. - SP27-2003

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP270-25-256-0 INFINEON-SP270-25-256-0 Datasheet
416Kb / 2P
General Sensor for Pressure Monitoring Systems (PMS)
01 / 2013
logo
SamHop Microelectronics...
SP2700 SAMHOP-SP2700 Datasheet
117Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
logo
Cornell Dubilier Electr...
SP271K CDE-SP271K Datasheet
201Kb / 2P
Ceramic Capacitors
SP272K CDE-SP272K Datasheet
201Kb / 2P
Ceramic Capacitors
More results

Similar Description - SP27-2003

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
Stepping Motors
M25SP-3 MITSUMI-M25SP-3 Datasheet
52Kb / 2P
Stepping Motors
M10SP-2N MITSUMI-M10SP-2N Datasheet
52Kb / 1P
Stepping Motors
logo
Copal Electronics
PLM45 COPAL-PLM45 Datasheet
75Kb / 2P
STEPPING MOTORS
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
STEPPING MOTORS
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
STEPPING MOTORS
SPS20 COPAL-SPS20 Datasheet
103Kb / 5P
STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M35SP-15 MITSUMI-M35SP-15 Datasheet
63Kb / 1P
Stepping Motors
M42SP-5 MITSUMI-M42SP-5 Datasheet
59Kb / 1P
Stepping Motors
M49SP-3KA MITSUMI-M49SP-3KA Datasheet
65Kb / 1P
Stepping Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com