Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP39-1000 Datasheet(PDF) 2 Page - Copal Electronics

Part # SP39-1000
Description  STEPPING MOTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP39-1000 Datasheet(HTML) 2 Page - Copal Electronics

  SP39-1000 Datasheet HTML 1Page - Copal Electronics SP39-1000 Datasheet HTML 2Page - Copal Electronics SP39-1000 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Item
SP39-1000
1000
1001
1100
1002
1101
Number of phases
4 phases unipolar(Substitutable as two bipolars due to open common terminal pins.)
Number of poles
20
Basic step angle
9°
(2 phases exciting)
Steps
40
(2 phases exciting)
Winding resistance
86
Ω
21
Ω
50
Ω
Rotor magnet (Energy Product)
6.5GOe
6.5GOe
5.0GOe
6.5GOe
5.0GOe
Power
Average power consumption 5 W maximum
Current
Refer to PERFORMANCE CURVES
Pull-in torque
Pull-out torque
Pull-in pulse rate
Temperature rise
Refer to TEMPERATURE CHARACTERISTICS
CURVES Insulation resistance
30 M
Ω minimum (DC500V)
Dielectric strength
500Vrms (AC50 Hz, 1 min)
Operating temperature range
0
∼ 50 °C
Net weight
Approx. 123 g
Axial maximum load
Continuous
19.6 mN-m
Momentary
98.1 mN-m
(Reference value)
Standard connector terminal
Male connector 06CR-6H-P 06KR-6H-P or PHR-6
■ STANDARD SPECIFICATIONS
SP39-1000
STEPPING MOTORS
6543
2
1
φ 1 φ 2 φ 1C φ 2C φ 1 φ2
Made by J.S.T. Mfg. Co., Ltd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com