Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP60-2000 Datasheet(PDF) 2 Page - Copal Electronics

Part # SP60-2000
Description  STEPPING MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SP60-2000 Datasheet(HTML) 2 Page - Copal Electronics

  SP60-2000 Datasheet HTML 1Page - Copal Electronics SP60-2000 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of phases / Excitation
Connector terminal
Item
4 / 2 phases unipolar
Basic step angle
2.25°
(2 phases exciting)
 1.125°
(1-2 phases exciting)
Number of phases
160(2 phases exciting)
 320(1-2 phases exciting)
Winding resistance
73
Ω(±10%)
Inductance
46mH
(Reference value)
Input rating
Average power consumption 3W maximum
Current, Pull-in torque, Pull-out torque
Refer to PERFORMANCE CURVES
Pull-in pulse rate,Maximum continuous
response frequency, Temperature
Insulation class
Type E
Insulation resistance
30M
Ω minimum(DC 500V)
Dielectric strength
AC 600V 1 second Leakage current 1mA maximam
Net weight
160
g
SP60-2000
■ REFERENCE SPECIFICATIONS
■ PERFORMANCE CURVES
SP60-2000
STEPPING MOTORS
Lot production is required. Please consult us for ordering.
Pull-out torque
Current
Frequency
Hz
Pull-in torque
100
0
200
300
400
500
600
58.8
49.0
39.2
29.4
19.6
9.8
0
600
500
400
300
200
100
0
Voltage :12V (2 phase exciting )
■ TEMPERATURE CHARACTERISTICS
10.0
0
20.0
30.0
40.0
50.0
30.0
25.0
20.0
15.0
10.0
5.0
0
Voltage : 12V (2 phase exciting )
Drive frequency
: 250 Hz
Time [min]
※ These performance curves show actual value, not guaranteed value.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com