Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC103 Datasheet(PDF) 2 Page - Copal Electronics

Part # SPC103
Description  Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPC103 Datasheet(HTML) 2 Page - Copal Electronics

  SPC103 Datasheet HTML 1Page - Copal Electronics SPC103 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Stroke
SPC103
SPC103F
SPC103F
−P
SPC103F
−C
Part No.
Switching function
 SPC103F
★SPC103F−P
 SPC103F−C
ON
(ON)
Connecting terminals
1
−31−2
Terminal style
(ON)
:Momentary.
(Solder Terminal)
(PC Straight)
(Connector Socket)
■PC Hole Layouts
■:VSKLYPUN:WLJPÄJH[PVUZ
⑴ Manual Soldering
Device : Soldering iron
①350°
C, Max.; 3 seconds, Max.
②270°
C, Max.; 5 seconds, Max.
⑵ Auto Soldering
Device : Jet wave type or dip type
260
°
C; Max.; 3 seconds, Max.
●Preheating should be done at 100°
C or below, within 30 seconds.
■Flux Cleaning
⑴ Solvent :Fluorine or Alcohol type.
⑵ The SPC103 series are not washable. To wash the PC board,
clean the soldering surface of the PC board with a brush so
that the switch is not exposed to the cleaning solution.
★:Made to order products.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com