Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D-C8 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD20D-C8
Description  WHITE LED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-C8 Datasheet(HTML) 7 Page - STMicroelectronics

  STLD20D-C8 Datasheet HTML 1Page - STMicroelectronics STLD20D-C8 Datasheet HTML 2Page - STMicroelectronics STLD20D-C8 Datasheet HTML 3Page - STMicroelectronics STLD20D-C8 Datasheet HTML 4Page - STMicroelectronics STLD20D-C8 Datasheet HTML 5Page - STMicroelectronics STLD20D-C8 Datasheet HTML 6Page - STMicroelectronics STLD20D-C8 Datasheet HTML 7Page - STMicroelectronics STLD20D-C8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STLD20D
7/8
Figure 9: QFN 3x3 8L Package Mechanical Data
Figure 10: QFN Foot Print Dimensions
(in millimeters)
L2
D1
A
A1
b1
L
E2
L1
D2
r
r1
k
b
e
A2
A3
L2
E
0.41
0.39
4.00
4.00
2.02
0.65
1.21
0.34
- Exposed pad is not connected to the ground of the dice.
- Connect exposed pad to pin one.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031 0.035 0.039
A1
0.03
0.03
0.001 0.002
A2
0.65
0.70
0.75
0.026 0.028 0.030
A3
0.15
0.20
0.25
0.006 0.008 0.010
b
0.29
0.31
0.39
0.011 0.012 0.015
b1
0.17
0.30
0.007
0.012
D
3.00
0.118
D2
1.92
2.02
2.12
0.076 0.079 0.083
E
3.00
0.118
E2
1.11
1.21
1.31
0.044 0.048 0.051
e
0.65
0.026
K
0.20
0.008
L
0.20
0.29
0.45
0.008 0.011 0.018
L1
0.16
0.24
0.40
0.006 0.009 0.016
L2
0.13
0.005
r
0.15
0.006
r1
0.15
0.006



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com