Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLEO35A Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # CLEO35A
Description  Landscape and portrait modes supported
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CLEO35A Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button CLEO35A Datasheet HTML 3Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 4Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 5Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 6Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 7Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 8Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 9Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 10Page - Future Technology Devices International Ltd. CLEO35A Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright © Future Technology Devices International Limited
7
CleO35 Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001299 C learance N o.: FT DI# 4 9 3
4.3
Micro SD Interface
A Micro SD card slot is provided on CleO35 supporting two standards capacity card types:
Secure Digital (SD) standard – Up to 2GB SD memory card
Secure Digital High Capacity (SDHC) standard – Over 2GB-32GB SDHC memory card
The SD host controller is compatible with the standard specification V3.0. It supports up to 25MHz SD
clock speed. In the CleO35 design, the physical interface supports 4-bit SD bus mode and card detection.
Figure 4 - MicroSD Interface
4.4
LCD Interface
In the CleO35 design, a 3.5 inch TFT LCD with resistive touch is supported. The FT810Q 48pin VQFN
graphics controller IC with integrated touch and audio belongs to FTDI’s EVE series. For further details of
the FT810Q EVE graphics controller, refer to the FT81X datasheet.
The 3.5 inch LCD is connected through the 50 pin FPC/FFC connector CN1. See Table 1 for the LCD
connector pinout.
Pin No
Name
Description
1
GND
Ground
2
LEDA
Backlight LED Anode
3
LEDK
Backlight LED cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com