Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51CS-R Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT51CS-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51CS-R Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT51CS-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT51CS-R Datasheet HTML 43Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Copyright © Future Technology Devices International Limited
40
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Register
Address
Register Name
Description
(0x65)
UART_TX_INT
UART Tx Interrupt Status
(0x66)
UART_RX_IEN
UART Rx Interrupt Enable
(0x67)
UART_RX_INT
UART Rx Interrupt Status
(0x68)
UART_LINE_CTRL
UART Line Control
(0x69)
UART_BAUD_0
UART Baud Rate Byte 0
(0x6A)
UART_BAUD_1
UART Baud Rate Byte 1
(0x6B)
UART_BAUD_2
UART Baud Rate Byte 2
(0x6C)
UART_FLOW_CTRL
UART Flow Control
(0x6D)
UART_FLOW_STAT
UART Flow Control Status
(0x70)
TIMER_CONTROL
TIMER Top Control
(0x71)
to
(0x74)
TIMER_CONTROL_1
to
TIMER_CONTROL_4
Timer Control Register 1 to 4
(0x75)
TIMER_INT
Timer Interrupt Status
(0x76)
TIMER_SELECT
Timer Select Register
(0x77)
TIMER_WDG
Watchdog Start Value
(0x78)
TIMER_WRITE_LS
Timer Start Value 7:0
(0x79)
TIMER_WRITE_MS
Timer Start Value 15:8
(0x7A)
TIMER_PRESC_LS
Timer Prescaler Value 7:0
(0x7B)
TIMER_PRESC_MS
Timer Prescaler Value 15:8
(0x7C)
TIMER_READ_LS
Timer Current Value 7:0
(0x7D)
TIMER_READ_MS
Timer Current Value 15:8
(0x80)
PWM_CONTROL
PWM Control Register
(0x81)
PWM_CTRL
PWM Control
(0x82)
PWM_PRESCALER
PWM PRESCALER Comparator value
(0x83)
PWM_CNT16_LSB
PWM COUNTER16 Comparator LSB
value
(0x84)
PWM_CNT16_MSB
PWM COUNTER16 Comparator MSB
value
(0x85)
to
(0x94)
PWM_CMP16_0_LSB
to
PWM_CMP16_7_MSB
PWM Comparator 0 LSB value to PWM
Comparator 7 MSB value
(0x95)
to
(0x9C)
PWM_OUT_TOGGLE_EN_0
to
PWM_OUT_TOGGLE_EN_7
PWM Out toggle enable register 0 to 7
(0x9D)
PWM_OUT_CLR_EN
PWM Out clear enable
(0x9E)
PWM_CTRL_BL_CMP8
PWM Control CMP8 value
(0x9F)
PWM_INIT
PWM Initialization register
(0xA0)
FIFO_CONTROL
FIFO Control Register
(0xA1)
FIFO_CTRL_STATUS
FIFO Control Status
(0xA2)
FIFO_RX_DATA
FIFO Receive Data
(0xA3)
FIFO_TX_DATA
FIFO Transmit Data
(0xA4)
FIFO_INTERRUPT_ENA
FIFO Interrupt Enable
(0xA5)
FIFO_INTERRUPT
FIFO Interrupt
(0xB0)
DMA_CONTROL_1
DMA Control Register
(0xB1)
DMA_ENABLE_1
IO DMA Enable Register
(0xB2)
DMA_IRQ_ENA_1
DMA IO Interrupt Enable & Control
Register
(0xB3)
DMA_IRQ_1
DMA IO Interrupt Register
(0xB4)
DMA_SRC_MEM_ADDR_L_1
DMA IO Source Mem Addr Register
(Lower Bits)
(0xB5)
DMA_SRC_MEM_ADDR_U_1
DMA IO Source Mem Addr Register
(Upper Bits)
(0xB6)
DMA_DEST_MEM_ADDR_L_1
DMA IO Destination Mem Addr Register
(Lower Bits)
(0xB7)
DMA_DEST_MEM_ADDR_U_1
DMA IO Destination Mem Addr Register
(Upper Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com