Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US232 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # US232
Description  Data transfer rates from 300 baud to 460,800 baud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

US232 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  US232 Datasheet HTML 1Page - Future Technology Devices International Ltd. US232 Datasheet HTML 2Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © Future Technology Devices Intl. Ltd. 2002
Page 1 of 2
US232 Eval Cable for FT8U232AM
US232 User Manual and Installation Guide
Introduction
The US232 evaluation cable can be used for testing
the functionality of the FT8U232AM USB UART device
and drivers prior to design-in. The electronics are
housed in an attractive translucent blue enclosure with
a matching 1m clear translucent cable. The US232
evaluation cable includes a Drivers and Utilities
CD complete with WHQL certified VCP drivers for
Windows XP, installation guides and the FTDI Product
Data CD, which contains an off-line version of the data
sheets, schematics and application notes from FTDI’s
web site.
Features
•
Data transfer rates from 300 baud to 460,800 baud
•
Internal 128 byte TX buffer and 384 byte RX buffer
•
Standard DB-9/M RS232 connector
•
Full Modem Support Signal Set
•
Hardware assisted RTS/CTS , DSR/DTR and X-On/
X-Off handshaking options
•
Transmit and Receive LED Indicators
•
Integral 1m USB Cable
•
Works with USB 1.1 and USB 2.0 Host Controllers
•
Full Speed USB data transfer rates
•
USB – No IRQ or DMA resources required
•
Remote Wakeup Capable
•
Uses FTDI’s FT8U232AM USB UART i.c.
•
Powered from USB – no external power adapter
required
•
Windows ’98 / ME / 2000 / XP drivers
•
MAC OS-8, OS-9 and OS-X drivers
•
Drivers included in Linux release 2.40 and greater
Application Areas
•
Modems
•
ISDN Terminal Adapters
•
Serial PDA Interfacing
•
Digital Cameras
•
Smart Card Readers
•
Terminals
•
Serial Printers
•
Serial Point of Sale ( P.O.S. ) devices
•
Industrial Control Devices
•
RS232 Peripheral Upgrades


Similar Part No. - US232

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
US232B-100-BULK FTDI-US232B-100-BULK Datasheet
334Kb / 2P
User Manual and Installation Guide
US232B-100-KIT FTDI-US232B-100-KIT Datasheet
334Kb / 2P
User Manual and Installation Guide
US232R-10 FTDI-US232R-10 Datasheet
1Mb / 29P
Adapter cable
US232R-10 FTDI-US232R-10 Datasheet
1Mb / 29P
Adapter cable
US232R-10-BULK FTDI-US232R-10-BULK Datasheet
1Mb / 29P
Adapter cable
More results

Similar Description - US232

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
300 Baud Modem
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
300 Baud Modem (5V Supply)
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
logo
Maxim Integrated Produc...
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com