Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2210 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD2210
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD2210 Datasheet HTML 8Page - Analog Devices ADPD2210 Datasheet HTML 9Page - Analog Devices ADPD2210 Datasheet HTML 10Page - Analog Devices ADPD2210 Datasheet HTML 11Page - Analog Devices ADPD2210 Datasheet HTML 12Page - Analog Devices ADPD2210 Datasheet HTML 13Page - Analog Devices ADPD2210 Datasheet HTML 14Page - Analog Devices ADPD2210 Datasheet HTML 15Page - Analog Devices ADPD2210 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADPD2210
Data Sheet
Rev. A | Page 12 of 15
APPLICATIONS INFORMATION
POWERING THE ADPD2210
The ADPD2210 is powered from a single positive 1.8 V to 5 V
supply, although performance below 2.5 V is limited by the
reduced dynamic range of the device. Above the quiescent
current (140 μA), the supply current has a linear relationship to
the output current: ISUPPLY = IFLOOR + (3.3 × IOUT). The ADPD2210
features a 25 nA/V (typical) PSRR, but proper circuit layout and
bypassing is recommended to provide maximum sensitivity,
especially in designs where the ADPD2210 may share reference
nodes with transmitters in pulse mode applications.
EXPOSED PAD CONNECTION
The exposed pad (EPAD) on the ADPD2210 acts as an electri-
cal, thermal, and mechanical platform for the amplifier and
must be connected to a quiet GND. External cooling is not
required due to the extremely low power consumption of the
ADPD2210. Analog Devices, Inc., recommends removal of
active traces beneath the device to eliminate potential coupling
of external signals into the sensitive internal nodes of the
ADPD2210.
POWER-DOWN
The power-down pin does not have an internal pull-up/pull-down
circuit and must be connected to an external logic level for
proper operation.
In the recommended configuration and when it is not in power-
down mode, the ADPD2210 presents an approximate 90 Ω load
to the photodiode anode. This load limits the photovoltaic
effect from a silicon photodiode at full scale to approximately
900 μV. In the power-down state, the ADPD2210 presents a
high impedance at the IN pin and the photovoltaic effect from a
photodiode is limited to the open-circuit voltage of the
photodiode.
In applications where the ADPD2210 is fed from a current source,
initiation of power-down mode causes the voltage at the IN pin
to slew up to the compliance voltage of the current source. The
rate at which the voltage slews depends on the current sourced
and capacitance at the IN pin. If the compliance voltage of the
current source is significantly higher than the VCC − 2 × VBE
voltage of the IN pin, the ADPD2210 requires additional settling
time to come out of the power-down state. VBE is the base
emitter voltage.
REFERENCE OUPUT
The REF pin is sensitive to loading and is not intended to drive
more than 1 μA. When the ADPD2210 REF output is connected
to the cathode of the photodiode, loading of the REF pin is limited
to the offset voltage (±5 mV), divided by the shunt resistance
(typically >1 GΩ) of the photodiode.
In applications where the REF output is used to provide an
external reference or a guarding voltage, the REF output must
be buffered. Failure to buffer the REF pin may adversely affect
linearity above 4 μA.
LAYOUT CONSIDERATIONS
Working with very low currents requires special attention in
layout to prevent error currents due to leakage, especially in
instrumentation applications where the ADPD2210 may be
located at a distance from the current source. In applications
that rely on dynamic signals, parasitic capacitance must be
controlled as seemingly insignificant capacitance becomes
problematic with nanoampere scale signals.
OUTPUT CONFIGURATION
The output of the ADPD2210 allows different configurations
depending on the application. The current gain of the ADPD2210
reduces the effect of surrounding interferers but, for best perfor-
mance, careful design and layout is still necessary to achieve
best performance. The effect of capacitance on the output must
be considered carefully regardless of configuration as bandwidth
and response time of the system can be limited simply by the
time required to charge and discharge parasitics.
Because the ADPD2210 is effectively a current source, the
ADPD2210 output voltage drifts up to its compliance voltage,
approximately 1.2 V below VCC, when connected to an inter-
face that presents a high impedance. The rate of this drift is
dependent on the ADPD2210 output current, parasitic capaci-
tance, and the impedance of the load. This drift can require
additional settling time in circuits following the ADPD2210 if
they are actively multiplexing the output of the ADPD2210 or
presenting a high impedance due to power cycling. For multi-
plexed systems, a current steering architecture may offer a
performance advantage over a break-before-make switch matrix.
ACCURACY IN CLINICAL APPLICATIONS
Even with perfectly calibrated electronics, it is important to
note there is no absolute in photoplethysmography measure-
ments because they are affected by other variables, including
high levels of carboxyhemoglobin or methemoglobin, density of
other chromophores such as melanin, and conditions that may
affect perfusion such as peripheral artery disease, shock, or
hypothermia. It is important that photoplethysmography, though
well suited for real-time monitoring, be supported in a clinical
environment with more accurate laboratory procedures such as
blood gas analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com