Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2211 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD2211
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2211 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD2211 Datasheet HTML 6Page - Analog Devices ADPD2211 Datasheet HTML 7Page - Analog Devices ADPD2211 Datasheet HTML 8Page - Analog Devices ADPD2211 Datasheet HTML 9Page - Analog Devices ADPD2211 Datasheet HTML 10Page - Analog Devices ADPD2211 Datasheet HTML 11Page - Analog Devices ADPD2211 Datasheet HTML 12Page - Analog Devices ADPD2211 Datasheet HTML 13Page - Analog Devices ADPD2211 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ADPD2211
Data Sheet
Rev. 0 | Page 12 of 13
EVALUATION BOARD SCHEMATIC AND LAYOUT
Figure 17 shows the evaluation board schematic. Figure 15 and
Figure 16 show the evaluation board layout for the top and
bottom layers, respectively.
Figure 15. ADPD2211 Evaluation Board Top Layer
Figure 16. ADPD2211 Evaluation Board Bottom Layer
Figure 17. ADPD2211 Evaluation Board Schematic (Do Not Install C3A)
EVALZ-ADPD2211
U1A
1
3
4
6
8
PWDN
NIC
VCC
GND
NIC
2
7
NIC
VCC
PWDN
GND
OUT
NIC
OUT
EPAD
R11A
100k
Ω
R2A
100k
Ω
C21A
1µF
C3A
0.01µF
DNI
DNI
C11A
0.01µF
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com