Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2212 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPD2212
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPD2212 Datasheet HTML 3Page - Analog Devices ADPD2212 Datasheet HTML 4Page - Analog Devices ADPD2212 Datasheet HTML 5Page - Analog Devices ADPD2212 Datasheet HTML 6Page - Analog Devices ADPD2212 Datasheet HTML 7Page - Analog Devices ADPD2212 Datasheet HTML 8Page - Analog Devices ADPD2212 Datasheet HTML 9Page - Analog Devices ADPD2212 Datasheet HTML 10Page - Analog Devices ADPD2212 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADPD2212
Data Sheet
Rev. 0 | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Relative Radiant Sensitivity vs. Angular Displacement
Figure 5. Responsivity vs. Wavelength
Figure 6. Power-Down Recovery Time, 1%
Figure 7. Supply Current vs. Output Current (IOUT) over Supply Voltage (VCC)
Figure 8. Small Signal Pulse Response
Figure 9. Bandwidth/Peaking
–80°
–70°
–60°
–50°
–40°
–30°
–20°
–10°
0°
0.2
0.2
0.4
0.4
0.6
0.6
0.8
1.0
HORIZONTAL
VERTICAL
0
0
1
2
3
4
5
6
7
8
9
WA
VELENGTH (λ)
–10
–10
10
30
50
TIME (µs)
1µs
10µs
PWDN
0
50
100
150
200
250
300
350
400
450
IOUT (µA)
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5V
0
200µ
400µ
600µ
800µ
1.0m
1.2m
1.4m
1.6m
1.8m
0
20
40
60
80
100
TIME (µs)
1µA
100nA
100
1k
10k
100k
1M
FREQUENCY (Hz)
–12
–10
–8
–6
–4
–2
0
2
1µA
10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com