Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2222G Datasheet(PDF) 7 Page - Rohm

Part # BD2222G
Description  1ch Adjustable Current Limit High Side Switch ICs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2222G Datasheet(HTML) 7 Page - Rohm

Back Button BD2222G Datasheet HTML 3Page - Rohm BD2222G Datasheet HTML 4Page - Rohm BD2222G Datasheet HTML 5Page - Rohm BD2222G Datasheet HTML 6Page - Rohm BD2222G Datasheet HTML 7Page - Rohm BD2222G Datasheet HTML 8Page - Rohm BD2222G Datasheet HTML 9Page - Rohm BD2222G Datasheet HTML 10Page - Rohm BD2222G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/26
Datasheet
BD2222G
BD2242G
BD2243G
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
・
15
・
001
TSZ02201-0E3E0H300280-1-2
9.JUN.2014 Rev.004
Typical Performance Curves - continued
0
50
100
150
200
-50
0
50
100
Ambient Temperature : Ta[°C]
0
50
100
150
200
2
3
4
5
6
Supply Voltage : VIN[V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
Ambient Temperature : Ta[°C]
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
Supply Voltage : VIN[V]
Ta=25°C
RLIM=20kΩ
Low to High
High to Low
Figure 12. EN Input Voltage vs
Supply Voltage
VIN=5.0V
RLIM=20kΩ
Low to High
High to Low
Figure 13. EN Input Voltage vs
Ambient Temperature
Ta=25°C
RLIM=20kΩ
IOUT=500mA
Figure 14. On-Resistance vs Supply Voltage
VIN=5.0V
RLIM=20kΩ
IOUT=500mA
Figure 15. On-Resistance vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com