Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-VCAR Datasheet(PDF) 41 Page - ATMEL Corporation

Part # TS80C31X2-VCAR
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-VCAR Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button TS80C31X2-VCAR Datasheet HTML 34Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 35Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 36Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 37Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 38Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 39Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 40Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 41Page - ATMEL Corporation TS80C31X2-VCAR Datasheet HTML 42Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Rev. C - 15 January, 2001
41
TS80C31X2
8. Ordering Information
Table 28. Maximum Clock Frequency
Code
-M
-V
-L
Unit
Standard Mode, oscillator frequency
Standard Mode, internal frequency
40
40
40
40
30
30
MHz
X2 Mode, oscillator frequency
X2 Mode, internal equivalent frequency
20
40
30
60
20
40
MHz
80C31X2
Packages:
A: PDIL 40
B: PLCC 44
C: PQFP F1 (13.9 mm footprint)
E: VQFP 44 (1.4mm)
TS
C
Temperature Range
C: Commercial 0 to 70oC
I: Industrial -40 to 85oC
-M
Conditioning
R: Tape & Reel
D: Dry Pack
B: Tape & Reel and
Dry Pack
R
B
-M:
VCC: 5V +/- 10%
40 MHz, standard mode
20 MHz, X2 mode
-V:
VCC: 5V +/- 10%
40 MHz, standard mode
30 MHz, X2 mode
-L:
VCC: 2.7 to 5.5 V
30 MHz, standard mode
20 MHz, X2 mode
-E:
Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com