Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122-I/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCS3122-I/ST
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122-I/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCS3122-I/ST Datasheet HTML 5Page - Microchip Technology MCS3122-I/ST Datasheet HTML 6Page - Microchip Technology MCS3122-I/ST Datasheet HTML 7Page - Microchip Technology MCS3122-I/ST Datasheet HTML 8Page - Microchip Technology MCS3122-I/ST Datasheet HTML 9Page - Microchip Technology MCS3122-I/ST Datasheet HTML 10Page - Microchip Technology MCS3122-I/ST Datasheet HTML 11Page - Microchip Technology MCS3122-I/ST Datasheet HTML 12Page - Microchip Technology MCS3122-I/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2014 Microchip Technology Inc.
DS40001762A-page 9
MCS3122
4.0
ADVANCED KEELOQ®
TECHNOLOGY OPERATION
4.1
Synchronization Counter
This is the 24-bit synchronization value that is used to
create the hopping code for transmission. This value
will be incremented after every transmission. The initial
value of the synchronization counter may be set via the
Synchronization Counter Initial Value registers (see
Table 3-2 and Table 3-3).
4.2
Function Code (Button Status
Code)
The function code is a bitmapped representation of the
state of each button on the transmitter. States are
active-high.
4.3
Serial Number
Each Advanced KEELOQ encoder transmits its 32-bit
serial number with each transmission. It is intended
that this serial number be unique to a system. It is set
in the Serial Number Configuration registers, listed in
Table 3-7.
4.4
Seed Code Serial Number
The transmitter has the possibility to set the serial
number which will be transmitted with a seed
transmission. In a typical system, this serial number is
transmitted as 0xFFFFFFFF; however, the user can
configure this according to the actual application. The
seed code serial number is set in the Seed Code
Configuration registers, listed in Table 3-4.
TABLE 4-1:
ADVANCED KEELOQ®
BUTTON CODE
TRANSLATION
Button
Function Code
SW0
xx1
SW1
x1x
SW2
1xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com