Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3919 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 15Page - Microchip Technology MCP3919 Datasheet HTML 16Page - Microchip Technology MCP3919 Datasheet HTML 17Page - Microchip Technology MCP3919 Datasheet HTML 18Page - Microchip Technology MCP3919 Datasheet HTML 19Page - Microchip Technology MCP3919 Datasheet HTML 20Page - Microchip Technology MCP3919 Datasheet HTML 21Page - Microchip Technology MCP3919 Datasheet HTML 22Page - Microchip Technology MCP3919 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 19
MCP3919
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
THREE CHANNEL MCP3919 PIN FUNCTION TABLE
MCP3919
SSOP
MCP3919
QFN
Symbol
Function
1
25, 11
AVDD
Analog Power Supply Pin
2
27
CH0+
Noninverting Analog Input Pin for Channel 0
3
28
CH0-
Inverting Analog Input Pin for Channel 0
4
1
CH1-
Inverting Analog Input Pin for Channel 1
5
2
CH1+
Noninverting Analog Input Pin for Channel 1
6
3
CH2+
Noninverting Analog Input Pin for Channel 2
7
4
CH2-
Inverting Analog Input Pin for Channel 2
8, 9, 10, 11,
12, 13, 19
5, 6, 7
NC
No Connect (for better EMI results connect to AGND)
14
8
REFIN+/OUT
Noninverting Voltage Reference Input and Internal Reference
Output Pin
15
9
REFIN-
Inverting Voltage Reference Input Pin
16
10, 26
AGND
Analog Ground Pin, Return Path for Internal Analog Circuitry
17, 20
13, 15, 23
DGND
Digital Ground Pin, Return Path for Internal Digital Circuitry
18
14
DR/GAIN1
Data Ready Signal Output Pin or GAIN1 Logic Input Pin
21
16
OSC1/CLKI/GAIN0 Oscillator Crystal Connection Pin or External Clock Input Pin or
GAIN0 Logic Input Pin
22
17
OSC2/MODE
Oscillator Crystal Connection Pin or Serial Interface Mode Logic
Input Pin
23
18
CS/BOOST
Serial Interface Chip Select Input Pin or BOOST Logic Input Pin
24
19
SCK/MCLK
Serial Interface Clock Input Pin or Master Clock Input Pin
25
20
SDO
Serial Interface Data Output Pin
26
21
SDI/OSR1
Serial Interface Data Input Pin or OSR1 Logic Input Pin
27
22
RESET/OSR0
Master Reset Logic Input Pin or OSR0 Logic Input Pin
28
12, 24
DVDD
Digital Power Supply Pin
—
29
EP
Exposed Thermal Pad. Must be connected to AGND or floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com