Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3919A1-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3919A1-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3919A1-E/SS Datasheet HTML 17Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 18Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 19Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 20Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 21Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 22Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 23Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 24Page - Microchip Technology MCP3919A1-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 21
MCP3919
3.7
Data Ready Output/GAIN1 Logic
Input (DR/GAIN1)
The data ready pin indicates if a new conversion result
is ready to be read. The default state of this pin is logic
high when DR_HIZ = 1 and is high-impedance when
DR_HIZ = 0 (default). After each conversion is
finished, a logic low pulse will take place on the data
ready pin to indicate the conversion result is ready as
an interrupt. This pulse is synchronous with the master
clock and has a defined and constant width.
The data ready pin is independent of the SPI interface
and acts like an interrupt output. The data ready pin
state is not latched, and the pulse width (and period)
are both determined by the MCLK frequency,
over-sampling rate, and internal clock prescale
settings. The data ready pulse width is equal to half a
DMCLK period and the frequency of the pulses is equal
to DRCLK (see Figure 1-3).
In the 2-Wire Interface mode, this is the GAIN1 logic
select input pin (See Section 7.0 “2-Wire Serial Inter-
face Description”
for the logic input table for GAIN0
and GAIN1). The pin state is latched when the MODE
changes to 2-Wire Interface mode and is relatched at
each watchdog timer reset.
3.8
Crystal Oscillator/Master Clock
Input/GAIN0 Logic Input Pin
(OSC1/CLKI/GAIN0)
OSC1/CLKI and OSC2 provide the master clock for the
device. When CLKEXT = 0, a resonant crystal or clock
source with a similar sinusoidal waveform must be
placed across the OSC1 and OSC2 pins to ensure
proper operation.
The typical clock frequency specified is 4 MHz. For
proper operation, and for optimizing ADC accuracy,
AMCLK should be limited to the maximum frequency
defined in Table 5-2 for the function of the BOOST and
PGA setting chosen. MCLK can take larger values as
long as the prescaler settings (PRE<1:0>) limit
AMCLK = MCLK/PRESCALE in the defined range in
Table 5-2. Appropriate load capacitance should be
connected to these pins for proper operation.
In 2-Wire Interface mode, this is the GAIN1 logic select
input pin (See Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for GAIN0 and
GAIN1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.9
Crystal Oscillator Output/Interface
MODE Logic Input (OSC2/MODE)
When CLKEXT = 0, a resonant crystal or clock source
with a similar sinusoidal waveform must be placed
across the OSC1 and OSC2 pins to ensure proper
operation. Appropriate load capacitance should be
connected to these pins for proper operation.
When CLKEXT = 1 (default condition at POR), this pin
is the MODE selection pin for the digital interface.
When MODE is logic low, the SPI interface is selected
(see Section 6.0 “SPI Serial Interface Description”);
when MODE is logic high, the 2-Wire interface (see
Section 7.0 “2-Wire Serial Interface Description”
) is
selected. The MODE input is latched after a POR, a
Master Reset and/or a watchdog timer reset.
3.10
Chip Select/Boost Logic Input
(CS/BOOST)
This pin is the Serial Peripheral Interface (SPI) chip
select that enables serial communication. When this
pin is logic high, no communication can take place. A
chip select falling edge initiates serial communication,
and a chip select rising edge terminates the
communication. No communication can take place
even when CS is logic low, if RESET is also logic low.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the BOOST logic
select input pin (see Section 7.0 “2-Wire Serial Inter-
face Description”
for the logic input table for BOOST).
The pin state is latched when the MODE changes to 2-
Wire Interface mode, and is relatched at each watch-
dog timer reset.
Note:
This pin should not be left floating when
the DR_HIZ bit is low; a 100 k
 pull-up
resistor
connected
to
DVDD
is
recommended.
Note:
When CLKEXT = 1, the crystal oscillator
is disabled. OSC1 becomes the master
clock input CLKI, a direct path for an
external clock source. One example
would be a clock source generated by an
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com