Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1T-E/ML Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP3918A1T-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/ML Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP3918A1T-E/ML Datasheet HTML 80Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 81Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 82Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 83Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 84Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 85Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 86Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 87Page - Microchip Technology MCP3918A1T-E/ML Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 86
MCP3918
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP3918A1: One Channel Analog Font End Converter
Address Options:
XX
A6
A5
A0
=
0
0
A1*
=
0
1
A2
=
1
0
A3
=
1
1
* Default option. Contact Microchip factory for other
address options
Tape and Reel:
T
= Tape and Reel
Temperature Range:
E
= -40°C to +125°C
Package:
ML = 20-Lead Plastic Quad Flat, No Lead Package –
4x4 mm Body with 0.40 mm Contact Length
(QFN)
SS = 20-Lead Plastic Shrink Small Outline – 5.30
mm Body (SSOP)
Examples:
a)
MCP3918A1-E/ML:
Address Option A1,
Extended Temperature,
20LD QFN package
b)
MCP3918A1T-E/ML:
Address Option A1,
Tape and Reel,
Extended Temperature,
20LD QFN package
a)
MCP3918A1-E/SS:
Address Option A1,
Extended Temperature,
20LD SSOP package
b)
MCP3918A1T-E/SS:
Address Option A1,
Tape and Reel,
Extended Temperature,
20LD SSOP package
PART NO.
X
Temperature
Range
Device
/XX
Package
X
Tape and
Reel
XX
Address
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com