Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1T-E/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3918A1T-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1T-E/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3918A1T-E/SS Datasheet HTML 5Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 6Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 7Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 8Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 9Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 10Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 11Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 12Page - Microchip Technology MCP3918A1T-E/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 9
MCP3918
FIGURE 1-4:
Timing Diagrams, continued.
FIGURE 1-5:
Entering 2-Wire Interface
Mode Timing Diagram.
CS
VIH
Waveform for tDIS
Hi-Z
90%
10%
tDIS
SDO
SCK
SDO
tDO
Timing Waveform for tDO
SDO
OSC2/
MODE
SCK/MCLK
Hi-Z
SPI
Mode
2-Wire
Mode
AVDD,DVDD
tMODE
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com