Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP70-10-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # TCP70-10-R
Description  70Vdc Telecom fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP70-10-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  TCP70-10-R Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP70-10-R Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP70-10-R Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP70-10-R Datasheet HTML 4Page - Cooper Bussmann, Inc. TCP70-10-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.eaton.com/elx
4
Technical Data 10250
Effective June 2014
TCP70 Series
70VdcTelecom fuses
I2t (A2s) Curves
10,000,000
1,000,000
100,000
1000
100
10
0.0001 0.001
1.0
10,000 100,000
5A
15A
30A
6A
10A
Time in Seconds
0.01
0.1
10
100
1000
100,000,000
10,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com