Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-5R5C104H-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KW-5R5C104H-R
Description  Coin cell supercapacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KW-5R5C104H-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KW-5R5C104H-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KW-5R5C104H-R Datasheet HTML 2Page - Cooper Bussmann, Inc. KW-5R5C104H-R Datasheet HTML 3Page - Cooper Bussmann, Inc. KW-5R5C104H-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Eaton PowerStor supercapacitors are
unique, ultra-high capacitance devices
utilizing electrochemical double layer
capacitor (EDLC) construction combined
with new, high performance materials.
This combination of advanced technologies
allows Eaton to offer a wide variety of
capacitor solutions tailored to specific
applications that range from a few micro-
amps for several days to several milliamps
for milliseconds.
PowerStor KW Series
Coin cell supercapacitors
Technical Data 4422
Effective September 2014
Supersedes August 2014
PowerStor is now
part of Eaton
Same great
products plus
even more.
The PowerStor brand of
supercapacitors (formerly
of the Bussmann Division
of Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
Features and benefits
• High specific capacitance
• Low leakage current
• Long cycle life
• Eco-friendly
• Broad operating range,
full specification -40°C to +85°C
Applications
• Electric utility meters
• Motor control units
• Solar inverters
• Real-Time Clock (RTC) backup
• Programmable Logic Controllers (PLCs)
• Irrigation and water control systems
Pb
HALOGEN
HF
FREE


Similar Part No. - KW-5R5C104H-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KW-5R5C104H-R EATON-KW-5R5C104H-R Datasheet
440Kb / 4P
Coin cells
More results

Similar Description - KW-5R5C104H-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH401 ETC1-BH401 Datasheet
71Kb / 1P
COIN CELL HOLDER
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
Coin Cell Supercapacitors
logo
Dubilier
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
LITHIUM COIN CELL
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
Cooper Bussmann, Inc.
KW-5R5C104-R COOPER-KW-5R5C104-R Datasheet
264Kb / 2P
Coin Cell Supercapacitors
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
DS-2R5H204T614-H2L ETC2-DS-2R5H204T614-H2L Datasheet
101Kb / 1P
Coin Cell Capacitors
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
Coin Cell Holder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com