Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-5R5C224-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KW-5R5C224-R
Description  Coin cell supercapacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KW-5R5C224-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KW-5R5C224-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KW-5R5C224-R Datasheet HTML 2Page - Cooper Bussmann, Inc. KW-5R5C224-R Datasheet HTML 3Page - Cooper Bussmann, Inc. KW-5R5C224-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
KW Series
Coin cell supercapacitors
Technical Data 4422
Effective September 2014
Specifications
Capacitance
0.1F to 1.0F
Working voltage
5.5V
Surge voltage
6.3V
Capacitance tolerance
-20% to +80% (20°C)
Operating temperature range
-40°C to 85°C
Standard Product
Capacitance (F)
Part number
Lead length
Maximum initial DC ESR (Ω) (Equivalent
Series Resistance) measured @ 1kHz
Typical mass
(grams/piece)
0.1
KW-5R5C104-R
Standard
50
3.7
0.1
KW-5R5C104H-R
Short
0.22
KW-5R5C224-R
Standard
0.22
KW-5R5C224H-R
Short
0.33
KW-5R5C334-R
Standard
0.33
KW-5R5C334H-R
Short
0.68
KW-5R5C684-R
Standard
30
10.2
0.68
KW-5R5C684H-R
Short
1.0
KW-5R5C105-R
Standard
10.4
1.0
KW-5R5C105H-R
Short
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of max. initial value)
Life
85°C @ 5.5Vdc
2000 hours
≤ 30%
≤ 200%
Storage Life
-40°C to +85°C
2000 hours
≤ 30%
≤ 200%
www.eaton.com/elx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com