Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEZ-AW-RLC-A Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HEZ-AW-RLC-A
Description  HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEZ-AW-RLC-A Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HEZ-AW-RLC-A Datasheet HTML 1Page - Cooper Bussmann, Inc. HEZ-AW-RLC-A Datasheet HTML 2Page - Cooper Bussmann, Inc. HEZ-AW-RLC-A Datasheet HTML 3Page - Cooper Bussmann, Inc. HEZ-AW-RLC-A Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2130
Effective January 2016
Supersedes September 2012
BUSSMANN
SERIES
HEZ breakaway and non-breakaway in-line
rejection fuse holders for UL Class CC fuses
Catalog Symbol: HEZ
Description:
Bussmann® series HEZ submersible, single-pole
in-line rejection fuse holders are for UL Class CC
fuses. They are available in non-breakaway and
breakaway versions with an array of terminal
options to meet application needs. Breakaway
versions come with insulating boots to provide
submersibility per UL IP67. Non-breakaway
versions require ordering optional insulating boots
for submersibility.
Recommended fuses:
Catalog symbol
Operation
Data sheet No.
LP-CC
Time-delay
1023
FNQ-R
1014
KTK-R
Fast-acting
1015
Ratings:
Volts:
600V
Amps:
up to 30A limited by conductor size
Withstand: 200kA RMS Sym.
Agency information:
UL® Listed, Guide IZLT, File E14853
CSA® Certified, Class 6225-01, File 47235
CE, RoHS compliant
Coupling nut torque:
10-20 Lb-In (1.1-2.2 N•m)
Operating and storage temperature:
-40°F (-40°C) to 221°F (105°C)
Insulating boots:
Two insulating boots come standard with the
breakaway holder configurations. Insulating boots
are not included as standard with non-breakaway
holders. Two insulating boots must be ordered
separately, if required, for each non-breakaway
holder ordered. When insulating boots are utilized,
extra heat retention requires that fuses are sized
at a minimum of 200% of the RMS load current.
Installation instructions:
Strip wire insulation equal to the depth of the
crimp or screw terminal. Torque screw terminal
to 35 Lb-In (3.9 N•m) or crimp terminal twice,
spacing crimps a distance of one-third from
each end (as shown below) using an appropriate
crimp tool and die. See page 3 for recommended
crimping tools.
Related products:
Catalog
no.
Description
Data
sheet no.
HEX
Two-pole supplemental in-line
fuse holder
2126
HEB
One-pole supplemental in-line
fuse holder
2127
HEY
Two-pole Class CC in-line
fuse holder
2126
HET
One-pole in-line, permanently
installed neutral
2125
NNB-R
Class CC neutral dummy link
(not a fuse)
—
Strip wire insulation
to depth of terminal
Crimp terminal twice
at locations 1/3 distance
from each end
Use these part numbers to order insulating
boots for a non-breakaway HEZ holder:
Description
Part no.
Single conductor
2A0660
Dual conductor
2A0661
Boot reference:
4.1
(104)
4.7
(119)
1.3
(ø33)
0.8
(ø20)


Similar Part No. - HEZ-AW-RLC-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
HEZ breakaway and non-breakaway in-line rejection fuse holders
More results

Similar Description - HEZ-AW-RLC-A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMF-1 COOPER-GMF-1 Datasheet
230Kb / 3P
GMF and GRF non-rejection fuses and HLR holders
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
HEB-AA COOPER-HEB-AA Datasheet
841Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
HEB breakaway and non-breakaway in-line fuse holders
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
HEZ breakaway and non-breakaway in-line rejection fuse holders
logo
Eaton All Rights Reserv...
GLR EATON-GLR Datasheet
226Kb / 2P
Non-rejecting, fast-acting fuse and in-line fuse holders
GMF EATON-GMF Datasheet
181Kb / 2P
Non-rejecting, time-delay fuse and in-line fuse holders
GMQ EATON-GMQ Datasheet
261Kb / 2P
Rejection time-delay fuses and in-line fuse holders
HEB EATON-HEB Datasheet
996Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
HHC EATON-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com