Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2125 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC2125
Description  28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2125 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC2125 Datasheet HTML 16Page - Microchip Technology MIC2125 Datasheet HTML 17Page - Microchip Technology MIC2125 Datasheet HTML 18Page - Microchip Technology MIC2125 Datasheet HTML 19Page - Microchip Technology MIC2125 Datasheet HTML 20Page - Microchip Technology MIC2125 Datasheet HTML 21Page - Microchip Technology MIC2125 Datasheet HTML 22Page - Microchip Technology MIC2125 Datasheet HTML 23Page - Microchip Technology MIC2125 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MIC2125/6
DS20005459B-page 20
 2015 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Setting the Switching Frequency
The
MIC2125/6
are
adjustable-frequency,
synchronous buck controllers featuring a unique
adaptive ON–time control architecture. The switching
frequency can be adjusted between 200 kHz and
750 kHz by changing the resistor divider network
consisting of R19 and R20.
FIGURE 5-1:
Switching Frequency
Adjustment.
Equation 5-1 gives the estimated switching frequency.
EQUATION 5-1:
For more precise setting, it is recommended to use
Figure 5-2.
FIGURE 5-2:
Switching Frequency vs.
R20
5.2
MOSFET Selection
Voltage rating, on-resistance, and total gate charge are
important parameters for MOSFET selection.
The voltage rating for the high-side and low-side
MOSFETs are essentially equal to the power stage
input voltage VIN. A safety factor of 30% should be
added to the VIN(MAX) while selecting the voltage rating
of the MOSFETs to account for voltage spikes due to
circuit parasitic elements.
The power dissipated in the MOSFETs is the sum of
conduction losses (PCONDUCTION) and switching
losses (PAC).
EQUATION 5-2:
EQUATION 5-3:
The total high-side MOSFET switching loss is:
EQUATION 5-4:
Turn-on and turn-off transition times can be
approximated by:
EQUATION 5-5:
VDD/PVDD
SW
FB
VDD
5V
2.2μF
x3
AGND
MIC2125/26
BST
4.7μF
PGND
VIN
VIN
FREQ
CS
R20
R19
f
SW ADJ

f
O
R20
R19
R20
+
--------------------------
=
Where:
fO
Switching Frequency when R19 is
100 kΩ and R20 is open. fO is typically
750 kHz.
P
SW
P
CONDUCTION
P
AC
+
=
P
CONDUCTION
I
SW RMS

2
R
DS ON

=
Where:
RDS(ON)
On-Resistance of the MOSFET
ISW(RMS)
RMS current of the MOSFET
P
AC
0.5
V
IN
I
LOAD
t
R
t
F
+
 f
SW
=
Where:
tR/tF
Switching Transition Times
ILOAD
Load Current
fSW
Switching Frequency
t
R
Q
SW HS

R
HSD PULL
UP
–

R
HS GATE

+

V
DD
V
TH
–
-----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com