Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1632
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1632 Datasheet HTML 4Page - Microchip Technology MCP1632 Datasheet HTML 5Page - Microchip Technology MCP1632 Datasheet HTML 6Page - Microchip Technology MCP1632 Datasheet HTML 7Page - Microchip Technology MCP1632 Datasheet HTML 8Page - Microchip Technology MCP1632 Datasheet HTML 9Page - Microchip Technology MCP1632 Datasheet HTML 10Page - Microchip Technology MCP1632 Datasheet HTML 11Page - Microchip Technology MCP1632 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP1632
DS20005254A-page 8
 2013 Microchip Technology Inc.
Note:
Unless otherwise noted, VIN =5V, FOSC =300 kHz, CIN = 0.1 µF, TA =25°C.
FIGURE 2-7:
Error Amplifier Offset
Voltage vs. Temperature.
FIGURE 2-8:
Error Amplifier Offset
Voltage vs. Input Voltage.
FIGURE 2-9:
VEXT Rise Time vs. Input
Voltage.
FIGURE 2-10:
VEXT Fall Time vs. Input
Voltage.
FIGURE 2-11:
Relative VEXT N-Channel
MOSFET RDSon Variation vs. Input Voltage.
FIGURE 2-12:
Relative VEXT P-Channel
MOSFET RDSon Variation vs. Input Voltage.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-50
0
50
100
150
Junction Temperature (°C)
NMOS Pair
PMOS Pair
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
2.5
3.5
4.5
5.5
Input Voltage (V)
NMOS Pair
PMOS Pair
2
3
4
5
2.5
3.5
4.5
5.5
Input Voltage (V)
C
LOAD = 100 pF
2
3
4
5
2.5
3.5
4.5
5.5
Input Voltage (V)
C
LOAD = 100 pF
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
2.5
3.5
4.5
5.5
Input Voltage (V)
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
2.5
3.5
4.5
5.5
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com