Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF507 Datasheet(PDF) 39 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 39 Page - Micrel Semiconductor

Back Button MICRF507_13 Datasheet HTML 35Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 36Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 37Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 38Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 39Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 40Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 41Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 42Page - Micrel Semiconductor MICRF507_13 Datasheet HTML 43Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
39
Revision 2.2
Detailed Description of Programming Bits
ADR #
BIT #
Name
Description
Comments
0000000
7
By_LNA
LNA bypass on/off
6
PA2
Power amplifier level, 3.bit
Reference Table 17
5
PA1
Power amplifier level, 2.bit
Reference Table 17
4
PA0
Power amplifier level, 1.bit
Reference Table 17
3
Sync_en
Synchronizer Mode bit
Reference Table 7
2
Mode1
Main Mode selection 2.bit
Reference Table 20
1
Mode0
Main Mode selection 1.bit
Reference Table 20
0
Load_en
“1” mandatory
0000001
7
Modulation1
Modulation selection 2.bit
Reference Table 18
6
Modulation0
Modulation selection 1.bit
Reference Table 18
5
OL_opamp_en
“0” mandatory
4
PA_LDc_en
“0” mandatory. PA on/off controlled by Lock Detect pin
if this bit is 1
3
RSSI_en
RSSI function on/off
2
LD_en
Lock detect function on/off
1
PF_FC1
Pre-filter corner frequency 2.bit
Reference Table 14
0
PF_FC0
Pre-filter corner frequency 1.bit
Reference Table 14
0000010
7
CP_HI
High charge-pump current (4x=500uA) on/off
6
SC_by
Bypass of Switched Capacitor filter on/off
5
VCO_by
“0” mandatory. Bypass of VCO stage on/off
4
PA_by
Bypass of PA stage on/off
3
OUTS3
Test pins output 4.bit
Reference Table 28
2
OUTS2
Test pins output 3.bit
Reference Table 28
1
OUTS1
Test pins output 2.bit
Reference Table 28
0
OUTS0
Test pins output 1.bit
Reference Table 28
0000011
7
IFBias_s
“1” mandatory.
6
IFA_HG
“1” mandatory.High gain setting in preamplifier
5
VCO_Bias_s
“0” mandatory.Select separate bias for VCO on
VCOBias pin
4
VCO_IB2
VCO bias current setting, 3. bit (111 = highest current)
Reference Table 11
3
VCO_IB1
VCO bias current setting, 2. bit (100 = typical current)
Reference Table 11
2
VCO_IB0
VCO bias current setting, 1. bit
Reference Table 11
1
VCO_freq1
Frequency setting of VCO, 2. bit (11=highest
frequency)
Reference Table 11
0
VCO_freq0
Frequency setting of VCO, 1.bit
Reference Table 11
0000100
7
Mod_F2
Modulator filter setting, MSB
6
Mod_F1
Modulator filter setting
5
Mod_F0
Modulator filter setting, LSB
4
Mod_I4
Modulator current setting, MSB
3
Mod_I3
Modulator current setting
2
Mod_I2
Modulator current setting
1
Mod_I1
Modulator current setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com