Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-BAE/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP1632-BAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP1632-BAE/MS Datasheet HTML 26Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 27Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 28Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 29Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 30Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 31Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 32Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 33Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 31
MCP1632
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1632:
High-speed, low-side PWM controller
MCP1632T: High-speed, low-side PWM controller
(Tape and Reel)
Frequency:
AA
=
300 kHz
BA
=
600 kHz
Temperature Range:
E
=
-40°C to +125°C
Package:
MC
=
Plastic Dual Flat, No Lead – 2x3x0.9 mm body
(DFN)
MS
=
Plastic Micro Small Outline
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP1632-AAE/MC: Extended temperature,
8LD 2x3 DFN package
b)
MCP1632T-AAE/MC: Tape and Reel,
Extended temperature,
8LD 2x3 DFN package
c)
MCP1632-BAE/MC: Extended temperature,
8LD 2x3 DFN package
d)
MCP1632T-BAE/MC: Tape and Reel,
Extended temperature,
8LD 2x3 DFN package
a)
MCP1632-AAE/MS: Extended temperature,
8LD MSOP package
b)
MCP1632T-AAE/MS: Tape and Reel,
Extended temperature,
8LD MSOP package
c)
MCP1632-BAE/MS: Extended temperature,
8LD MSOP package
d)
MCP1632T-BAE/MS: Tape and Reel,
Extended temperature,
8LD MSOP package
XX
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com