Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112YMM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF112YMM
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112YMM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF112YMM Datasheet HTML 9Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 10Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 11Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 12Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 13Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 14Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 15Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 16Page - Micrel Semiconductor MICRF112YMM Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
13
M9999-020713
Application Information
Figure 4. ASK 433.92MHz and 315MHz (MSOP)
Note: Values in parenthesis are for 315MHz.
The MICRF112 is ideal for driving a 50
Ω source
monopole or a loop antenna. Figure 4 is an example of a
loop antenna configuration. Figure 4 also shows both
315MHz and 433.92MHz ASK configurations for a loop
antenna. In addition to using a different crystal, modified
values are needed for certain frequencies. These are
listed in Table 1.
Frequency
(MHz)
L1
(nH)
C5
(pF)
L4
(nH)
C7
(pF)
Y1
(MHz)
315.0
470
10
150
6.8
9.84375
433.92
680
10
82
4.7
13.5600
Table 1. Modified Frequency Values
The reference design shown in Figure 4 has an antenna
optimized for using the matching network, as described
in Table 1.
Power Control Using an External Resistor
R7 is used to adjust the RF output levels that may be
needed to meet compliance. As an example, Tables 2
and 3 list typical values of conducted RF output levels
and corresponding R7 resistor values for the 50
Ω test
board shown in the Test Circuit.
R7,
Ω
Output Power, dBm
IDD, mA
0
10
6.7
75
8.5
6.3
100
8.0
6.2
500
1.6
4.13
1000
−3.8
4.87
Table 2. ASK Output Power at 1Kbps (Manchester) vs.
External Resistor at 315MHz
R7,
Ω
Output Power, dBm
IDD, mA
0
8.68
7.5
75
8.34
7.33
100
8.02
7.3
500
4.34
6.3
1000
0.42
5.5
Table 3. ASK Output Power at 1Kbps (Manchester) vs.
External Resistor at 433.92MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com