Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2102YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2102YML
Description  38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2102YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2102YML Datasheet HTML 1Page - Micrel Semiconductor MIC2102YML Datasheet HTML 2Page - Micrel Semiconductor MIC2102YML Datasheet HTML 3Page - Micrel Semiconductor MIC2102YML Datasheet HTML 4Page - Micrel Semiconductor MIC2102YML Datasheet HTML 5Page - Micrel Semiconductor MIC2102YML Datasheet HTML 6Page - Micrel Semiconductor MIC2102YML Datasheet HTML 7Page - Micrel Semiconductor MIC2102YML Datasheet HTML 8Page - Micrel Semiconductor MIC2102YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Micrel, Inc.
MIC2101/02
November 13, 2013
4
Revision 2.0
Absolute Maximum Ratings(1)
VIN ................................................................ 0.3V to +40V
VDD, VPVDD........................................................ 0.3V to +6V
VSW, VFREQ, VILIM, VEN............................ 0.3V to (VIN +0.3V)
VBST to VSW ........................................................ 0.3V to 6V
VBST ................................................................ 0.3V to 46V
VPG ..................................................... 0.3V to (VDD + 0.3V)
VFB ..................................................... 0.3V to (VDD + 0.3V)
PGND to AGND............................................ 0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS)......................... 65 C to +150 C
Lead Temperature (soldering, 10s)............................ 260°C
ESD Rating
(2) ................................................ ESD Sensitive
Operating Ratings(3)
Supply Voltage (VIN).......................................... 4.5V to 38V
Enable Input (VEN) .................................................. 0V to VIN
VSW, VFREQ, VILIM, VEN ............................................. 0V to VIN
Junction Temperature (TJ) ........................ 40 C to +125 C
Junction Thermal Resistance
3mm x 3mm QFN-16 ( JA) ....................................50.8°C/W
3mm x 3mm QFN-16 ( JC) ......................25.3°C/W
Electrical Characteristics(4)
VIN = 12V, VOUT =1.2V; VBST –VSW = 5V; TA = 25°C, unless noted. Bold values indicate
J
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VIN)
(5)
4.5
38
V
Quiescent Supply Current (MIC2101)
VFB = 1.5V
400
750
μA
Quiescent Supply Current (MIC2102)
VFB = 1.5V
2.1
3
mA
Shutdown Supply Current
SW unconnected, VEN = 0V
0.1
10
μA
VDD Supply
VDD Output Voltage
VIN = 7V to 38V, IDD = 10mA
4.8
5.2
5.4
V
VDD UVLO Threshold
VDD rising
3.8
4.2
4.6
V
VDD UVLO Hysteresis
400
mV
Load Regulation
IDD = 0 to 40mA
0.6
2
3.6
%
Reference
Feedback Reference Voltage
TJ = 25°C (±1.0%)
0.792
0.8
0.808
V
40°C TJ
C (±2%)
0.784
0.8
0.816
FB Bias Current
VFB = 0.8V
5
500
nA
Enable Control
EN Logic Level High
1.8
V
EN Logic Level Low
0.6
V
EN Hysteresis
200
mV
EN Bias Current
VEN = 12V
6
30
μA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
3. The device is not guaranteed to function outside operating range.
4. Specification for packaged product only.
5. The application is fully functional at low VDD (supply of the control section) if the external MOSFETs have low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com