Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC280 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty??Thermal Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC280_14 Datasheet HTML 17Page - Micrel Semiconductor MIC280_14 Datasheet HTML 18Page - Micrel Semiconductor MIC280_14 Datasheet HTML 19Page - Micrel Semiconductor MIC280_14 Datasheet HTML 20Page - Micrel Semiconductor MIC280_14 Datasheet HTML 21Page - Micrel Semiconductor MIC280_14 Datasheet HTML 22Page - Micrel Semiconductor MIC280_14 Datasheet HTML 23Page - Micrel Semiconductor MIC280_14 Datasheet HTML 24Page - Micrel Semiconductor MIC280_14 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Micrel, Inc.
MIC280
May 5, 2014
21
Revision 2.0
Remote Temperature Low Limit High-Byte Register (TLOW1h) 8-bits, Read/Write
Remote Temperature Low Limit High-Byte Register
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Low
temperature limit for remote zone, most significant byte.
Bit
Function
Operation
D[7:0]
Low temperature limit for the
remote zone, most significant byte.
Read/write
Power-up default value: 0000 0000b = 00h (0°C)
Read/write command byte: 0000 1000b = 08h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is
reported as 0000 0000b. See Temperature Data Format for more details.
Any writes to a temperature limit register will result in the corresponding fault queue being purged and reset.
Security Register (LOCK) 8-bits, Write once
Security Register
D[7]
reserved
D[6]
reserved
D[5]
reserved
D[4]
read/write-
once
D[3]
read/write-
once
D[2]
read/write-
once
D[1]
read/write-
once
D[0]
read/write-
once
Reserved
L4
L3
L2
L1
L0
Bit
Function
Operation
D[7:5]
Reserved
Always write as zero
L4
Warm-reset lockout bit
1 = RST bit disabled; 0 = unlocked
L3
Shutdown mode lockout bit
(Error! Reference source not found.)
1 = shutdown disabled; 0 = unlocked
L2
Diode fault event lock bit
1 = locked; 0 = unlocked
L1
Remote overtemperature event lock bit
1 = locked; 0 = unlocked
L0
Local overtemperature event lock bit
1 = locked; 0 = unlocked
Power-up default value: 0000 0000b = 00h (all event unlocked)
Write command byte: 0000 1001b = 09h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com