Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1949 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1949
Description  LM1949 Injector Drive Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1949 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1949 Datasheet HTML 2Page - National Semiconductor (TI) LM1949 Datasheet HTML 3Page - National Semiconductor (TI) LM1949 Datasheet HTML 4Page - National Semiconductor (TI) LM1949 Datasheet HTML 5Page - National Semiconductor (TI) LM1949 Datasheet HTML 6Page - National Semiconductor (TI) LM1949 Datasheet HTML 7Page - National Semiconductor (TI) LM1949 Datasheet HTML 8Page - National Semiconductor (TI) LM1949 Datasheet HTML 9Page - National Semiconductor (TI) LM1949 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Timer Function (Continued)
amps or 1 amp below the normal threshold Since continu-
ous operation at 3 amps may overheat the injectors the
timer function on the IC will force the transition into the hold
state after one time constant (the time constant is equal to
RTCT) The timer is reset at the end of each input pulse For
systems where the timer function is not needed it can be
disabled by grounding Pin 8 For systems where the initial
peak state is not required (ie where the solenoid current
rises immediately to the hold level) the timer can be used to
disable the peak function This is done by setting the time
constant equal to zero (ie CT e 0) Leaving RT in place is
recommended The timer will then complete its time-out and
disable the peak condition before the solenoid current has
had a chance to rise above the hold level
The actual range of the timer in injection systems will proba-
bly never vary much from the 39 milliseconds shown in
Figure 1 However the actual useful range of the timer ex-
tends from microseconds to seconds depending on the
component values chosen The useful range of RT is ap-
proximately 1k to 240k The capacitor CT is limited only by
stray capacitances for low values and by leakages for large
values
The capacitor reset time at the end of each controller pulse
is determined by the supply voltage and the capacitor value
The IC resets the capacitor to an initial voltage (VBE)by
discharging it with a current of approximately 15 mA Thus
a 01 mF cap is reset in approximately 25 ms
COMPENSATION
Compensation of the error amplifier provides stability for the
circuit during the hold state External compensation (from
Pin 2 to Pin 3) allows each design to be tailored for the
characteristics of the system andor type of Darlington pow-
er device used In the vast majority of designs the value or
type of the compensation capacitor is not critical Values of
100 pF to 01 mF work well with the circuit of
Figure 1 The
value shown of 01 mF (disc) provides a close optimum in
choice between economy speed and noise immunity In
some systems increased phase and gain margin may be
acquired by bypassing the collector of Q1 to ground with an
appropriately rated 01 mF capacitor This is however rarely
necessary
FLYBACK ZENER
The purpose of zener Z1 is twofold Since the load is induc-
tive a voltage spike is produced at the collector of Q1 any-
time the injector current is reduced This occurs at the peak-
to-hold transition (when the current is reduced to one fourth
of its peak value) and also at the end of each input pulse
(when the current is reduced to zero) The zener provides a
current path for the inductive kickback limiting the voltage
spike to the zener value and preventing Q1 from damaging
voltage levels Thus the rated zener voltage at the system
peak current must be less than the guaranteed minimum
breakdown of Q1 Also even while Z1 is conducting the
majority of the injector current during the peak-to-hold tran-
sition (see
Figure 4 ) Q1 is operating at the hold current
level This fact is easily overlooked and as described in the
following text can be corrected if necessary Since the error
amplifier in the IC demands 94 mV across RS Q1 will be
biased to provide exactly that Thus the safe operating area
(SOA) of Q1 must include the hold current with a VCE of Z1
volts For systems where this is not desired the zener an-
ode may be reconnected to the top of RS as shown in Fig-
ure 5 Since the voltage across the sense resistor now ac-
curately portrays the injector current at all times the error
TLH5062 – 7
FIGURE 4 Circuit Waveforms
amplifier keeps Q1 off until the injector current has decayed
to the proper value The disadvantage of this particular con-
figuration is that the ungrounded zener is more difficult to
heat sink if that becomes necessary
The second purpose of Z1 is to provide system transient
protection Automotive systems are susceptible to a vast
array of voltage transients on the battery line Though their
duration is usually only milliseconds long Q1 could suffer
permanent damage unless buffered by the injector and Z1
This is one reason why a zener is preferred over a clamp
diode back to the battery line the other reason being long
decay times
TLH5062 – 8
FIGURE 5 Alternate Configuration for Zener Z1
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com