Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APAMPS-105 Datasheet(PDF) 2 Page - Abracon Corporation

Part # APAMPS-105
Description  GPSGSM Active Antenna Module- Adhesive Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APAMPS-105 Datasheet(HTML) 2 Page - Abracon Corporation

  APAMPS-105 Datasheet HTML 1Page - Abracon Corporation APAMPS-105 Datasheet HTML 2Page - Abracon Corporation APAMPS-105 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ø76.8 x 15.8mm
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visitwww.abracon.com forTerms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
APAMS-105
Revised: 10.23.14
RoHS/RoHS II compliant
Lead in copper alloy exemption (6c); and Lead in glass exemption (7c-I)
Test condition: 27x27mm ground
S11: Input VSWR
Test condition: DC 3.0V
S21: LNA Gain
ANTENNA’S IMPEDANCE AND RETURN-LOSS CHARACTERISTICS
LNA REFLECTION PROFILE
OUTLINE DRAWING:
Unit:mm
Side View
Top View
Bottom View
Parameters
Description
L1 (Cable1 Length)
300±10cm
L2 (Cable2 Length)
300±10cm
Antenna
Dielectric Ceramics
PCB
FR4
GPS RF Connector
SMA-J3
GSM RF Connector
FME-k3
Shielding
Tinplate
Thickness
15.8mm
Mounting Type
Adhesive Tape
GPS+GSM Active Antenna Module- Adhesive Mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com