Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR81111 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR81111
Description  Universal Clock - High Frequency LVPECL Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR81111 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR81111 Datasheet HTML 3Page - Exar Corporation XR81111 Datasheet HTML 4Page - Exar Corporation XR81111 Datasheet HTML 5Page - Exar Corporation XR81111 Datasheet HTML 6Page - Exar Corporation XR81111 Datasheet HTML 7Page - Exar Corporation XR81111 Datasheet HTML 8Page - Exar Corporation XR81111 Datasheet HTML 9Page - Exar Corporation XR81111 Datasheet HTML 10Page - Exar Corporation XR81111 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2014 Exar Corporation
XR81111
7 / 12
exar.com/XR81111
Rev 1B
Typical Performance Characteristics
Figures 1,2,3 and 4 show typical phase noise performance plots for 156.25 MHz, 150MHz, 125M, and 100MHz clock out-
puts respectively. The data was taken using the industry standard Agilent E5052B instrument. The integration range is the
widely referenced 12KHz to 20MHz range most often used in WAN applications.
Figure 1: 156.25MHz Operation, Phase Noise at 3.3V
Figure 2: 150MHz Operation, Phase Noise at 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com