Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS80C31X2-ECAD Datasheet(PDF) 21 Page - ATMEL Corporation

Part # TS80C31X2-ECAD
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-ECAD Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button TS80C31X2-ECAD Datasheet HTML 17Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 18Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 19Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 20Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 21Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 22Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 23Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 24Page - ATMEL Corporation TS80C31X2-ECAD Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Rev. C - 15 January, 2001
21
TS80C31X2
Table 10. IPH Register
IPH - Interrupt Priority High Register (B7h)
Reset Value = XXX0 0000b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
PSH
PT1H
PX1H
PT0H
PX0H
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
PSH
Serial port Priority High bit
PSH
PS
Priority Level
0
0
Lowest
01
10
1
1
Highest
3
PT1H
Timer 1 overflow interrupt Priority High bit
PT1H
PT1
Priority Level
0
0
Lowest
01
10
1
1
Highest
2
PX1H
External interrupt 1 Priority High bit
PX1H
PX1
Priority Level
0
0
Lowest
01
10
1
1
Highest
1
PT0H
Timer 0 overflow interrupt Priority High bit
PT0H
PT0
Priority Level
0
0
Lowest
01
10
1
1
Highest
0
PX0H
External interrupt 0 Priority High bit
PX0H
PX0
Priority Level
0
0
Lowest
01
10
1
1
Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com