Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8122 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8122
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8122 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Multi-Rate SONET/SDH
Clock and Data Recovery IC
Data Sheet
VSC8122
G52228-0, Rev 4.1
Page 13
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 11: Maximum Ambient Air Temperature Without Heatsink
Note that ambient air temperature varies throughout the system based on the positioning and magnitude of
heat sources and the direction of air flow.
Ordering Information
The order number for this product is formed by a combination of the device number, and package type.
Airflow
TA(MAX)
oC
Still air
47.2
100 lfpm
54.0
200 lfpm
57.4
400 lfpm
61.8
600 lfpm
64.6
VSC8122 QP
Device Type
VSC8122: OC-3/12/48 (STM-1/4/16)
Package Style
QP: 64-pin, 10 x 10 mm PQFP
Clock and Data Recovery
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com