Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78H18-TO3 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 78H18-TO3
Description  isc Three Terminal Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

78H18-TO3 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  78H18-TO3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 78H18-TO3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Three Terminal Voltage Regulator
78H18
·
ELECTRICAL CHARACTERISTICS
Tj=25℃ (Vi= 26V, IO=0.5A, Ci= 0.33μF, CO= 0.1μF unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output Voltage
Vin=26V; IO=0.5A
17.3
18.7
V
△
VV
Line Regulation
23V≤Vin≤33V ;
180
mV
△
Vi
Load Regulation
5mA≤IO≤1.5A;
180
mV
Ib
Quiescent Current
Vin=26V; IO=0.5A
6
mA
△b1
Quiescent
Current
Change
5.0mA≤IO≤1.0A;
0.5
mA
△b2
Quiescent
Current
Change
22V≤Vin≤33V;
0.8
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com