Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7915 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 7915
Description  isc Three Terminal Negative Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

7915 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  7915 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 7915 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Three Terminal Negative Voltage Regulator
7915
FEATURES
·
Output current in excess of 1A
·
Output voltage of -15V
·
Internal thermal overload protection
·
Output transition Safe-Area compensation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
Vi
DC input voltage
-30
V
TOP
Operating junction temperature
0~150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
50
℃
/W


Similar Part No. - 7915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7915 ETC1-7915 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Silicon Supplies
7915 SS-7915 Datasheet
357Kb / 4P
Linear Voltage Regulator
7915 SS-7915 Datasheet
352Kb / 4P
Linear Voltage Regulator
Rev 1.0 19/04/19
logo
Wixroyd Group Ltd
79150 WIXROYD-79150 Datasheet
216Kb / 1P
Plastic Pull Handles through hole or threaded bush
79150.W0010 WIXROYD-79150.W0010 Datasheet
216Kb / 1P
Plastic Pull Handles through hole or threaded bush
More results

Similar Description - 7915

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
7909 ISC-7909 Datasheet
191Kb / 2P
isc Three Terminal Negative Voltage Regulator
7912 ISC-7912 Datasheet
187Kb / 2P
isc Three Terminal Negative Voltage Regulator
L7912CV ISC-L7912CV Datasheet
219Kb / 2P
isc Three Terminal Negative Voltage Regulator
L7915CV ISC-L7915CV Datasheet
217Kb / 2P
isc Three Terminal Negative Voltage Regulator
LM7905 ISC-LM7905 Datasheet
143Kb / 2P
isc Three Terminal Negative Voltage Regulator
L7905CV ISC-L7905CV Datasheet
271Kb / 2P
isc Three Terminal Negative Voltage Regulator
7909 ISC-7909_18 Datasheet
293Kb / 2P
isc Three Terminal Negative Voltage Regulator
7905 ISC-7905 Datasheet
245Kb / 2P
isc Three Terminal Negative Voltage Regulator
7908 ISC-7908 Datasheet
268Kb / 2P
isc Three Terminal Negative Voltage Regulator
LM7915K ISC-LM7915K Datasheet
284Kb / 2P
isc Three Terminal Negative Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com