Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB2045 Datasheet(PDF) 2 Page - Dc Components

Part # SPB2045
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SPB2045 Datasheet(HTML) 2 Page - Dc Components

  SPB2045 Datasheet HTML 1Page - Dc Components SPB2045 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (SPB2045 THRU SPB2050)
FIG.2
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLE AT 60Hz
At rated TL8.3ms Single Half
Sine-Wave(JEDEC Method)
2
1
4
6 8 10
20
40
80 100
0
100
200
300
400
500
TJ = 25OC
TJ = 125OC
INSTANTANEOUS FORWARD VOLTAGE, (V)
.2
.4
.6
.8
1.0
1.6
Pulse Width=300ms
1% Duty Cycle
FIG. 3
TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10
1
.1
1.4
1.2
TJ=25oC
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
5
0
10
25
50
75
100
125
0
150
15
20
FIG.1
TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 4
TYPICAL REVERSE CHARACTERISTICS
10
1
100
.1
20
40
140
RATED PEAK REVERSE VOLTAGE (%)
60
80
0
100
120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com