Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC2040C Datasheet(PDF) 1 Page - Dc Components

Part # SPC2040C
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SPC2040C Datasheet(HTML) 1 Page - Dc Components

  SPC2040C Datasheet HTML 1Page - Dc Components SPC2040C Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
SPC2040C
THRU
SPC2045C
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Low power loss, high eifficiency
* High current capability
* High surge capability
* High reliability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 1.7 gram
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Csae Temperature
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
Amps
20
150
UNITS
Volts
Volts
50
Volts
Amps
1.5
R
θJC
0.55
0.5
mAmps
Maximum Forward Voltage at 10A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TC = 25
oC
@TC = 100
oC
SPC2040C
SPC2045C
IFSM
IO
VDC
VF
IR
TJ, TSTG
-65 to +150
0 C/W
Note : 1. Thermal Resistance Junction to Case per leg.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Typical Thermal Resistance (Note 1)
TO-263(D2PAK)
TECHNICAL SPECIFICATIONS OF SOLAR CELL PROTECTION SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 40 to 45 Volts
CURRENT - 20 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
40
28
40
45
31.5
45
0 C
.100
(2.5)
4
.405(10.3)
.380(9.7)
.625(15.9)
.575(14.6)
MAX.
TYP.
.070(1.8)
.050(1.3)
.370(9.4)
.330(8.4)
.039(1.0)
.020(0.5)
.055
(1.4)
.055(1.4)
.045(1.2)
.055(1.4)
.045(1.2)
.110(2.8)
.090(2.3)
.190(4.8)
.160(4.1)
6~8
6~8
0~5
.029(0.7)
.018(0.5)
* Lead: MIL-STD-202E, Method 208 guaranteed


Similar Part No. - SPC2040C

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SPC20481 MULTICOMP-SPC20481 Datasheet
173Kb / 1P
Pin Headers
14/09/22 V1.0
SPC20482 MULTICOMP-SPC20482 Datasheet
173Kb / 1P
Pin Headers
14/09/22 V1.0
SPC20483 MULTICOMP-SPC20483 Datasheet
173Kb / 1P
Pin Headers
14/09/22 V1.0
SPC20484 MULTICOMP-SPC20484 Datasheet
173Kb / 1P
Pin Headers
14/09/22 V1.0
SPC20485 MULTICOMP-SPC20485 Datasheet
173Kb / 1P
Pin Headers
14/09/22 V1.0
More results

Similar Description - SPC2040C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com