Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCA55 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BCA55
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BCA55 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BCA55 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BCA55 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
BCA55
DESCRIPTION
Excellent unidirectional switches for phase control
applications such as heating and motor speed controls.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5V potential
APPLICATIONS
Typical applications are AC solid-state switches, industrial
power tools, exercise equipment, white goods and
commercial appliances
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
Average on-stage current,TC=75℃
41
A
IT(RMS)
RMS on-state current, TC=75℃
65
A
ITSM
Surge non-repetitive on-state current
800
A
PG(AV)
Average gate power dissipation, TJ = 125°C
1.0
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
VRM=VRRM, Tj=125℃
0.02
3
mA
IDRM
Repetitive peak off-state current
VDM=VDRM,
VDM=VDRM , Tj=125℃
0.02
3
mA
VTM
On-state voltage
ITM= 130A
1.8
V
IGT
Gate-trigger current
VD= 12V; RL=30Ω
5
50
mA
VGT
Gate-trigger voltage
VD= 12V; RL=30Ω
2.0
V
IH
Holding current
IT= 0.4A, Gate Open
80
mA
Rth(j-c)
Thermal resistance
Junction to case
0.86
℃
/W


Similar Part No. - BCA55

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BCA25A LUGUANG-BCA25A Datasheet
1,002Kb / 8P
Silicon Control Rectifiers
Revision:20241125-P1
logo
Motorola, Inc
BCA6000ETL MOTOROLA-BCA6000ETL Datasheet
1Mb / 16P
High Performance biMOS TTL-ECL-CMOS Compatible
logo
List of Unclassifed Man...
BCAAAPC ETC1-BCAAAPC Datasheet
65Kb / 1P
ONE AAA CELL HOLDER
logo
Maxwell Technologies
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
BCAP0003 MAXWELL-BCAP0003 Datasheet
939Kb / 9P
HC SERIES ULTRACAPACITORS
More results

Similar Description - BCA55

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com