Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFTPRH105 Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XFTPRH105
Description  Shielded construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFTPRH105 Datasheet(HTML) 2 Page - XFMRS Inc.

  XFTPRH105 Datasheet HTML 1Page - XFMRS Inc. XFTPRH105 Datasheet HTML 2Page - XFMRS Inc. XFTPRH105 Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.xfmrs.com
info@xfmrs.com
152-160 Tai Lin Pai Rd.
Kwai Chung, NT, Hong Kong
(852)2423-1689
pyiu@xfmrs.com.hk
7570 E. Landersdale Rd.
Camby, IN 46113
Phone:
(317) 834-1066
PART NUMBER
INDUCTANCE
µH
DCR Max
mOhms
SRF
Typ
MHz
Isat A
10%
drop
20%
drop
30%
drop
20°C
rise
40°C
rise
XFTPRH105-R80_
0.8
4.3
180
9.60
12.0
14.1
8.19
12.0
XFTPRH105-1R5_
1.5
5.8
90
5.44
7.80
10.5
7.41
10.8
XFTPRH105-2R2_
2.2
7.2
70
4.92
6.62
8.40
6.63
9.78
XFTPRH105-3R3_
3.3
10.4
50
4.62
6.32
7.38
5.04
7.22
XFTPRH105-4R7_
4.7
12.3
38
4.36
5.62
6.46
4.90
6.90
XFTPRH105-6R8_
6.8
18.0
35
3.60
5.00
5.94
4.52
6.01
XFTPRH105-8R2_
8.2
20.0
28
3.14
4.14
4.84
4.38
5.71
XFTPRH105-100_
10
26.0
24
3.08
3.84
4.32
3.99
4.79
XFTPRH105-150_
15
41.0
20
2.46
3.06
3.44
3.51
4.26
XFTPRH105-220_
22
61.0
12
2.36
2.90
3.28
2.86
3.58
XFTPRH105-330_
33
84.0
11
1.66
2.14
2.42
2.12
2.80
XFTPRH105-470_
47
130
10
1.44
1.86
2.20
1.83
2.42
XFTPRH105-560_
56
149
10
1.36
1.70
1.90
1.71
2.28
XFTPRH105-680_
68
201
7.0
1.28
1.60
1.70
1.39
1.88
XFTPRH105-820_
82
227
6.0
1.08
1.44
1.64
1.23
1.67
XFTPRH105-101_
100
253
6.0
0.99
1.20
1.36
1.09
1.48
XFTPRH105-151_
150
370
5.0
0.79
1.02
1.16
0.97
1.33
XFTPRH105-181_
180
450
4.5
0.75
0.92
1.02
0.89
1.24
XFTPRH105-221_
220
500
4.5
0.67
0.84
0.95
0.85
1.18
XFTPRH105-331_
330
812
3.0
0.57
0.69
0.76
0.57
0.82
Irms A
1.
OCL TEST: 100KHz, 0.1V
2. __ Please specify inductance tolerance (K±10%, L±15%, M±20%, N±30%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com