Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575HVM-12 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575HVM-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HVM-12 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2575HVM-12 Datasheet HTML 17Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 18Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 19Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 20Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 21Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 22Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 23Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 24Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Additional Applications (Continued)
UNDERVOLTAGE LOCKOUT
In some applications it is desirable to keep the regulator off
until the input voltage reaches a certain threshold. An und-
ervoltage lockout circuit which accomplishes this task is
shown in Figure 12, while Figure 13 shows the same circuit
applied to a buck-boost configuration. These circuits keep
the regulator off until the input voltage reaches a predeter-
mined level.
V
TH
≈ V
Z1 +2VBE (Q1)
DELAYED STARTUP
The ON /OFF pin can be used to provide a delayed startup
feature as shown in Figure 14. With an input voltage of 20V
and for the part values shown, the circuit provides approxi-
mately 10 ms of delay time before the circuit begins switch-
ing. Increasing the RC time constant can provide longer
delay times. But excessively large RC time constants can
cause problems with input voltages that are high in 60 Hz or
120 Hz ripple, by coupling the ripple into the ON /OFF pin.
ADJUSTABLE OUTPUT, LOW-RIPPLE
POWER SUPPLY
A 1A power supply that features an adjustable output voltage
is shown in Figure 15. An additional L-C filter that reduces
the output ripple by a factor of 10 or more is included in this
circuit.
01147516
Typical Load Current
200 mA for VIN = −5.2V
500 mA for VIN = −7V
Note: Pin numbers are for TO-220 package.
FIGURE 11. Negative Boost
01147517
Note: Complete circuit not shown.
Note: Pin numbers are for the TO-220 package.
FIGURE 12. Undervoltage Lockout for Buck Circuit
01147518
Note: Complete circuit not shown (see Figure 10).
Note: Pin numbers are for the TO-220 package.
FIGURE 13. Undervoltage Lockout
for Buck-Boost Circuit
01147519
Note: Complete circuit not shown.
Note: Pin numbers are for the TO-220 package.
FIGURE 14. Delayed Startup
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com