Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZH431C01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZH431C01
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZH431C01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZH431C01 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZH431C01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZH431
Dynamic Impedance v Frequency
Frequency (Hz)
10k
100k
1M
0.01
0.1
100
10
1
100
1k
Power Dissipation Derating
Ambient Temperature (°C)
100
1.0
0
25
75
2.0
50
SOT223
S08/T092
SOT23
Cathode Current v Temperature
Temperature (°C)
020
60
40
12
14
22
20
18
16
-40
-20
80
24
26
Vref= Vz
Reference Current v Temperature
Temperature (°C)
020
60
40
100
120
200
180
160
140
-40
-20
80
Change in Vref v Cathode Voltage
Cathode Voltage (V)
10
15
25
20
-25
-20
0
-5
-10
-15
0
5
30
35
5
40
Vref= Vz
Iz= 10mA
1mA
10mA
Vref=Vz
TYPICAL CHARACTERISTICS
SOT89
Reference Voltage v Temperature
Temperature (°C)
020
60
40
2.47
2.48
2.52
2.51
2.50
2.49
-40
-20
80
Iz= 10mA
4-17



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com