Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS86 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS86
Description  PRESSURE SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS86 Datasheet(HTML) 1 Page - Copal Electronics

  PS86 Datasheet HTML 1Page - Copal Electronics PS86 Datasheet HTML 2Page - Copal Electronics PS86 Datasheet HTML 3Page - Copal Electronics PS86 Datasheet HTML 4Page - Copal Electronics PS86 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
2
3
6
5
4
1
2
3
4
5
PRESSURE SWITCHES
PS86/PS87
Part name
Material
Sensor chip
Stainless steel diaphragm
Back cover
Drip-proof cover
Fitting
1
2
3
4
5
Silicone
SUS 316L
Iron, Ni-plated
SUS 303
Silicone rubber
INTERNAL STRUCTURE
PS86 (G 3/8)
O Solidstate pressure switch with no mechanical moving parts
O Isolated output via a photo-coupler
O Switching pressure adjustable and hysteresis band adjustable
O Resistant against surge pressure (PS86)
O SUS 316L welded stainless steel diaphragm (PS86)
O High corrosion resistance by Hastelloy®※ diaphragm (PS87)
■ FEATURES
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
※Hastelloy® is a resistered trade name of Haynes International Inc.
Part name
Material
Sensor chip
Stainless steel diaphragm
Housing
Drip-proof cover
Back cover
Fitting
1
2
3
4
5
6
Silicone
Hastelloy® C-22
SUS 316
SUS 316
Silicone rubber
SUS 303
INTERNAL STRUCTURE
PS87 (R 1/4)
■ MODEL NUMBER DESIGNATION
PS86 - 503 P - B - R2
Series name
Rated pressure range
PS86
:
PS87
:
503
:0 ~ 5 MPa
104
:0 ~ 10 MPa
204
:0 ~ 20 MPa
354
:0 ~ 35 MPa
353
:0 ~ 3.5 MPa
503
:0 ~ 5 MPa
Pressure unit
P
:Pa pressure unit
Fitting
R2
:R 1/4
G3
:G 3/8 (PS86 only)
Drip-proof cover
B
:Non-provided
H
:Provided


Similar Part No. - PS86

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601-A CEL-PS8601-A Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
logo
NEC
PS8601-V NEC-PS8601-V Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results

Similar Description - PS86

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
logo
List of Unclassifed Man...
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com